Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEGC10DH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SEGC10DH
Description  High Efficient Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SEGC10DH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SEGC10DH Datasheet HTML 1Page - Zowie Technology Corporation SEGC10DH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 1.0A)
SEGC10DH THRU SEGC10MH
High Efficient Rectifier
* Halogen-free type
* Compliance to RoHS product
* GPRC (Glass passivated rectifier chip) inside
* Glass passivated cavity-free junction
* Lead less chip form, no lead damage
* Low power loss , High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* General purpose rectification
* Surge absorption
APPLICATION
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Cathode Band, Laser marking
Weight : 0.012 gram
MECHANICAL DATA
2013/09
REV. 1
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
ITEM
Symbol
Conditions
Type
Min.
Typ.
Max.
Unit
-
123
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
45
-
Rth(JL)
Junction to lead (NOTE)
pF
-
9
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.10
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
VF
IF = 1.0A
V
-
-
-
-
-
0.95
1.10
1.50
1.50
1.50
1.00
1.25
1.70
1.70
1.70
Forward voltage
NOTES : Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
DH
SEGC10DH
SEGC10GH
SEGC10JH
SEGC10KH
SEGC10MH
200
GH
400
JH
600
KH
800
MH
1000
V
IF(AV)
A
IFSM
A
Tj,TSTG
15
0.9
50
75
-65 to +175
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
SEGC10
1.0
Repetitive peak reverse voltage
Operating storage temperature Range
oC
nS
Trr
Reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
MARKING
Cathode mark
Series code
(High Efficient Rectifier)
Voltage class
Voltage class : D = 200V, G = 400V, J = 600
Amps class
(1.0Amps)
10
ED
Halogen-free type
.
Unit : mm
Case : 1206-S
Equivalent to SOD-123
OUTLINE DIMENSIONS
3.40 ± 0.1
R0.4
0
0.70 ± 0.2
0.70 ± 0.2
K = 800V, M = 1000V
I2t
A2sec
Rating for fusing ( t<8.3ms)


Similar Part No. - SEGC10DH

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SEG0 MICROCHIP-SEG0 Datasheet
197Kb / 6P
   64-Pin 8-Bit Flash Microcontroller Product Brief
2008
logo
List of Unclassifed Man...
SEG01G72A1BH1MT-30[W]R ETC2-SEG01G72A1BH1MT-30[W]R Datasheet
598Kb / 14P
   1GB DDR2 . SDRAM registered So-DIMM
SEG01G72A1BH1MT-37[W]R ETC2-SEG01G72A1BH1MT-37[W]R Datasheet
598Kb / 14P
   1GB DDR2 . SDRAM registered So-DIMM
SEG02G72B1BH2MT-30[W]R ETC2-SEG02G72B1BH2MT-30[W]R Datasheet
908Kb / 14P
   2GB DDR2 . SDRAM registered So-RDIMM
SEG02G72B1BH2MT-37[W]R ETC2-SEG02G72B1BH2MT-37[W]R Datasheet
908Kb / 14P
   2GB DDR2 . SDRAM registered So-RDIMM
More results

Similar Description - SEGC10DH

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
   High Efficient Rectifier
HER301 YANGJIE-HER301 Datasheet
209Kb / 2P
   High Efficient Rectifier
HS2GA YANGJIE-HS2GA_17 Datasheet
161Kb / 2P
   High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
   High Efficient Rectifier
logo
Zowie Technology Corpor...
BEGC20DH ZOWIE-BEGC20DH Datasheet
48Kb / 2P
   High Efficient Rectifier
logo
Yangzhou yangjie electr...
HS3A YANGJIE-HS3A Datasheet
144Kb / 2P
   High Efficient Rectifier
HS3AB YANGJIE-HS3AB Datasheet
144Kb / 2P
   High Efficient Rectifier
HER101 YANGJIE-HER101 Datasheet
194Kb / 4P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com