Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDS14-7J Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPGDS14-7J
Description  in-system programmable Generic Digital SwitchTM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDS14-7J Datasheet(HTML) 7 Page - Lattice Semiconductor

  ISPGDS14-7J Datasheet HTML 1Page - Lattice Semiconductor ISPGDS14-7J Datasheet HTML 2Page - Lattice Semiconductor ISPGDS14-7J Datasheet HTML 3Page - Lattice Semiconductor ISPGDS14-7J Datasheet HTML 4Page - Lattice Semiconductor ISPGDS14-7J Datasheet HTML 5Page - Lattice Semiconductor ISPGDS14-7J Datasheet HTML 6Page - Lattice Semiconductor ISPGDS14-7J Datasheet HTML 7Page - Lattice Semiconductor ISPGDS14-7J Datasheet HTML 8Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications ispGDS
7
Switching Waveforms
AC Switching Characteristics
Over Recommended Operating Conditions
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
2ns 10% – 90%
Input Timing Reference Levels
1.5V
Output Timing Reference Levels
1.5V
Output Load
See Figure
3-state levels are measured 0.5V from steady-state
active level.
Output Load Conditions (see figure)
Test Condition
R1
R2
CL
A
470
390
50pF
tpd
A
Input to Output Delay
One Input Driving One Output
1
7.5
ns
fmax
A
Maximum Input Frequency
One Output Switching
50
MHz
twh
A
Input Pulse Duration, High
10
ns
twl
A
Input Pulse Duration, Low
10
ns
MIN.
MAX.
PARAMETER
UNITS
TEST
COND.
DESCRIPTION
Input to Output Delay
Input Pulse Width/ Fmax
VALID INPUT
INP UT
tpd
OU T P U T
twh
twl
1/
fmax
INP UT
TEST POINT
C *
L
FROM OUTPUT (O/Q)
UNDER TEST
+5V
*C L INCLUDES TEST FIXTURE AND PROBE CAPACITANCE
R2
R1
COM
Switching Test Conditions


Similar Part No. - ISPGDS14-7J

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-5Q160 LATTICE-ISPGDX120A-5Q160 Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX120A-5Q160 LATTICE-ISPGDX120A-5Q160 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-5T176 LATTICE-ISPGDX120A-5T176 Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
ISPGDX120A-5T176 LATTICE-ISPGDX120A-5T176 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDS14-7J

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDXTMFAMILY LATTICE-ISPGDXTMFAMILY Datasheet
326Kb / 25P
   In-System Programmable Generic Digital CrosspointTM
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com