Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPGDXTMFAMILY Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ISPGDXTMFAMILY
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDXTMFAMILY Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ISPGDXTMFAMILY Datasheet HTML 5Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 6Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 7Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 8Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 9Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 10Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 11Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 12Page - Lattice Semiconductor ISPGDXTMFAMILY Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Specifications ispGDX Family
-5
-7
PARAMETER #2
DESCRIPTION1
MIN. MAX. MIN. MAX. UNITS
Inputs
tio
21 Input Buffer Delay
0.7
1.3
ns
GRP
tgrp
22 GRP Delay
2.0
2.5
ns
MUX
tmuxd
23 I/O Cell MUX A/B/C/D Data Delay
1.0
1.4
ns
tmuxs
24 I/O Cell MUX A/B/C/D Data Select
2.5
3.4
ns
Register
tiolat
25 I/O Latch Delay
1.6
2.2
ns
tiosu
26 I/O Register Setup Time Before Clock
1.6
1.8
ns
tioh
27 I/O Register Hold Time After Clock
2.4
3.6
ns
tioco
28 I/O Register Clock to Output Delay
1.6
2.2
ns
tior
29 I/O Reset to Output Delay
0.7
1.0
ns
Data Path
trfdbk
30 I/O Register Feedback Delay
0.2
0.3
ns
tiobp
31 I/O Register Bypass Delay
0.4
0.6
ns
tioob
32 I/O Register Output Buffer Delay
0.1
0.7
ns
tmuxc (Yx Clk) 33 I/O Register Data Input MUX Delay
1.1
1.2
ns
tmuxc (I/O Clk) 34 I/O Register Data Input MUX Delay
2.1
3.2
ns
tiod (Yx Clk)
35 I/O Register I/O Input MUX Delay
4.1
5.1
ns
tiod (I/O Clk) 36 I/O Register I/O Input MUX Delay
5.1
7.1
ns
Outputs
tob
37 Output Buffer Delay
0.9
1.3
ns
tobs
38 Output Buffer Delay, Slow Slew
5.9
8.3
ns
toen
39 I/O Cell OE to Output Enabled
0.8
1.1
ns
toedis
40 I/O Cell OE to Output Disabled
0.8
1.1
ns
tgoe
41 Global Output Enable Delay
2.5
3.6
ns
ttoe
42 Test OE Enable Delay
8.2
10.9
ns
Clocks
tcio
43 I/O Clock Delay
0.7
1.0
ns
tgy0/1/2/3
44 Clock Delay, Y0/1/2/3
2.4
2.8
ns
Global Reset
tgr
45 Global Reset to I/O Register/Latch
12.3
15.0
ns
Internal Timing Parameters1
Over Recommended Operating Conditions
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to the Timing Model in this data sheet for further details.


Similar Part No. - ISPGDXTMFAMILY

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-5Q160 LATTICE-ISPGDX120A-5Q160 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-5T176 LATTICE-ISPGDX120A-5T176 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-7Q160 LATTICE-ISPGDX120A-7Q160 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX120A-7T176 LATTICE-ISPGDX120A-7T176 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDXTMFAMILY

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com