Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL20XV10B-20LJ Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # GAL20XV10B-20LJ
Description  High-Speed E2CMOS PLD Generic Array Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20XV10B-20LJ Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button GAL20XV10B-20LJ Datasheet HTML 4Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 5Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 6Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 7Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 8Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 9Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 10Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 11Page - Lattice Semiconductor GAL20XV10B-20LJ Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Specifications GAL20XV10
8
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VIH
Input High Voltage
2.0
VCC+1
V
IIL1
Input or I/O Low Leakage Current
0V
≤ VIN ≤ VIL (MAX.)
——
–100
µA
IIH
Input or I/O High Leakage Current
3.5V
≤ VIN ≤ VCC
——
10
µA
VOL
Output Low Voltage
IOL = MAX. Vin = VIL or VIH
——
0.5
V
VOH
Output High Voltage
IOH = MAX. Vin = VIL or VIH
2.4
——
V
IOL
Low Level Output Current
——
16
mA
IOH
High Level Output Current
——
–3.2
mA
IOS2
Output Short Circuit Current
VCC = 5V
VOUT = 0.5V TA= 25
°C
–50
—–150
mA
Recommended Operating Conditions
Commercial Devices:
Ambient Temperature (TA) ............................. 0 to +75
°C
Supply voltage (VCC)
with Respect to Ground ..................... +4.75 to +5.25V
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.3
MAX.
UNITS
1) The leakage current is due to the internal pull-up on all input and I/O pins. See Input Buffer section for more information.
2) One output at a time for a maximum duration of one second. Vout = 0.5V was selected to avoid test problems by tester
ground degradation. Characterized but not 100% tested.
3) Typical values are at VCC = 5V and TA = 25
°C
COMMERCIAL
ICC
Operating Power
VIL = 0.5V
VIH = 3.0V
L -10/-15/-20
75
90
mA
Supply Current
ftoggle = 15MHz Outputs Open
Absolute Maximum Ratings(1)
Supply voltage Vcc ....................................... –0.5 to+7V
Input voltage applied .......................... –2.5 to VCC +1.0V
Off-state output voltage applied ......... –2.5 to VCC +1.0V
Storage Temperature ............................... –65 to 150
°C
Ambient Temperature with
Power Applied .......................................... –55 to 125
°C
1.Stresses above those listed under the “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress only ratings and functional operation of the device at
these or at any other conditions above those indicated in the
operational sections of this specification is not implied (while pro-
gramming, follow the programming specifications).
DC Electrical Characteristics
Over Recommended Operating Conditions (Unless Otherwise Specified)


Similar Part No. - GAL20XV10B-20LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-3LJ LATTICE-GAL20LV8D-3LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-5LJ LATTICE-GAL20LV8D-5LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-7LJ LATTICE-GAL20LV8D-7LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL20XV10B-20LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL16VP8 LATTICE-GAL16VP8 Datasheet
216Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL20RA10 LATTICE-GAL20RA10 Datasheet
240Kb / 15P
   High-Speed Asynchronous E2CMOS PLD Generic Array Logic?
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com