Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6410-6 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6410-6
Description  Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6410-6 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6410-6_15 Datasheet HTML 5Page - Linear Technology LTC6410-6_15 Datasheet HTML 6Page - Linear Technology LTC6410-6_15 Datasheet HTML 7Page - Linear Technology LTC6410-6_15 Datasheet HTML 8Page - Linear Technology LTC6410-6_15 Datasheet HTML 9Page - Linear Technology LTC6410-6_15 Datasheet HTML 10Page - Linear Technology LTC6410-6_15 Datasheet HTML 11Page - Linear Technology LTC6410-6_15 Datasheet HTML 12Page - Linear Technology LTC6410-6_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6410-6
9
64106fa
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Figure vs Frequency vs ZIN
Turn-On Time
Turn-Off Time
Spectrum Analyzer 2-Tone
Group Delay and Phase
vs Frequency
CMRR vs Frequency
DC TEST CIRCUIT SCHEMATIC
FREQUENCY (MHz)
10
0
5.0
10.0
15.0
20.0
100
1000
64106 G19
25.0
2.5
7.5
12.5
17.5
22.5
V+ = 3V
V= 0V
ZIN = 50Ω
ZIN = 100Ω
ZIN = 400Ω
ZIN = 200Ω
2.0
1.5
1.0
0.5
0
0
100
200
TIME (ns)
64106 G20
300
400
500
2
0
–2
–OUT
+OUT
SHDN
2.0
1.5
1.0
0.5
0
0
0
100
200
TIME (ns)
64106 G21
300
400
500
2
–2
–OUT
+OUT
SHDN
0
10
20
30
40
50
60
70
80
90
100
67.5
68.5
69.5
70.5
FREQUENCY (MHz)
71.5
72.5
64106 G22
FREQUENCY (MHz)
10
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
90
45
0
–45
–90
–135
–180
–225
–270
–315
–360
100
1000
10000
64106 G23
GROUP DELAY
PHASE
V+ = 3V
V= 0V
ZIN = 50Ω
FREQUENCY (MHz)
100
90
80
70
60
50
40
30
20
10
0
1
100
1000
10000
64106 G24
10
V+ = 3V
V= 0V
ZIN = 50Ω
RL = 50Ω
LTC6410-6
64106 TC
–TERM
–IN
+IN
–IN
+IN
+TERM
–OUT
V+
V+
V+
V+
3
5
8
10
V
V
V
V
1
4
9
12
V+
V
+OUT
7
6
–OUT
+OUT
VOUTDIFF = +OUT – –OUT
VOUTCM =
+OUT + –OUT
2
SHDN
VBIAS
13
14
15
16
11
2
SHDN
VBIAS
25Ω
25Ω
VINDIFF = +IN – –IN
VINCM =
+IN + –IN
2


Similar Part No. - LTC6410-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6410-6 LINER-LTC6410-6 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC6410-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
logo
Analog Devices
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
logo
Linear Technology
LT1993-2 LINER-LT1993-2_15 Datasheet
676Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifier
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com