Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-20L15TSPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-20L15TSPBF
Description  High Performance Schottky Rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-20L15TSPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-20L15TSPBF Datasheet HTML 1Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 2Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 3Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 4Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 5Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 6Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 7Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 8Page - Vishay Siliconix VS-20L15TSPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VS-20L15TSPbF
www.vishay.com
Vishay Semiconductors
Revision: 24-Jul-14
2
Document Number: 94166
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
See fig. 1
VFM (1)
19 A
TJ = 25 °C
-0.41
V
40 A
-
0.52
19 A
TJ = 125 °C
0.25
0.33
40 A
0.37
0.50
Reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
-10
mA
TJ = 100 °C
-
600
Threshold voltage
VF(TO)
TJ = TJ maximum
0.182
V
Forward slope resistance
rt
7.6
m
Maximum junction capacitance
CT
VR = 5 VDC, (test signal range 100 kHz to 1 MHz), 25 °C
-
2000
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction
temperature range
TJ
-55 to +125
°C
Maximum storage
temperature range
TStg
-55 to +150
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
1.5
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
(For TO-220)
0.50
Maximum thermal resistance,
junction to ambient
RthJA
DC operation
40
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf
cm
(lbf
in)
maximum
12 (10)
Marking device
Case style D2PAK
20L15TS


Similar Part No. - VS-20L15TSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20L15TSPBF VISHAY-VS-20L15TSPBF Datasheet
122Kb / 8P
   High Performance Schottky Rectifier, 20 A
08-Feb-17
VS-20L15TSPBF VISHAY-VS-20L15TSPBF_15 Datasheet
134Kb / 8P
   High Performance Schottky Rectifier, 20 A
Revision: 24-Jul-14
VS-20L15TSPBF VISHAY-VS-20L15TSPBF_V01 Datasheet
122Kb / 8P
   High Performance Schottky Rectifier, 20 A
08-Feb-17
More results

Similar Description - VS-20L15TSPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
   High Performance Schottky Rectifier
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com