Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN1208 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TN1208
Description  Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1208 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TN1208 Datasheet HTML 2Page - STMicroelectronics TN1208 Datasheet HTML 3Page - STMicroelectronics TN1208 Datasheet HTML 4Page - STMicroelectronics TN1208 Datasheet HTML 5Page - STMicroelectronics TN1208 Datasheet HTML 6Page - STMicroelectronics TN1208 Datasheet HTML 7Page - STMicroelectronics TN1208 Datasheet HTML 8Page - STMicroelectronics TN1208 Datasheet HTML 9Page - STMicroelectronics TN1208 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Leader and trailer tape specifications
TN1208
6/13
DocID027436 Rev 1
2
Leader and trailer tape specifications
The leader has a minimum width of 400 mm which includes at least 100 mm of carrier tape
with empty cavities and sealed cover tape (see Figure 2). The leader tape is affixed to the
last turn of carrier tape by using a transparent adhesive anti static or paper based tape of a
width not higher than the one of the cover tape.
The trailer is a carrier tape which minimum width is 160 mm with empty cavities and sealed
cover tape, as shown in Figure 2. The trailer tape must be affixed to the reel by using the
tape slot of the reel hub.
During the unwinding operation, the entire carrier tape must be easily released from the reel
hub as the last portion of the tape unwinds from the reel without damaging the carrier tape
and the remaining components in the cavities.
Figure 2. Leader and trailer tape schematics


Similar Part No. - TN1208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1205H STMICROELECTRONICS-TN1205H Datasheet
128Kb / 10P
   High temperature 12 A SCRs
More results

Similar Description - TN1208

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1206 STMICROELECTRONICS-TN1206 Datasheet
836Kb / 16P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in QFP packages
TN1205 STMICROELECTRONICS-TN1205 Datasheet
759Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in FPN packages
TN1207 STMICROELECTRONICS-TN1207 Datasheet
760Kb / 15P
   Tape and reel shipping media for STM8 and STM32 microcontrollers in SO packages
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
STM8L-PRIMER STMICROELECTRONICS-STM8L-PRIMER Datasheet
265Kb / 7P
   Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
October 2013 Rev 10
ST-LINK STMICROELECTRONICS-ST-LINK Datasheet
87Kb / 3P
   In-circuit debugger/programmer for STM8 and STM32
ST-LINK-V2 STMICROELECTRONICS-ST-LINK-V2 Datasheet
265Kb / 5P
   ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32 microcontrollers
Rev 5 - April 2020
STLINK-V3SET STMICROELECTRONICS-STLINK-V3SET Datasheet
174Kb / 4P
   STLINK-V3SET debugger/programmer for STM8 and STM32
September 2018 Rev 1
logo
TT Electronics.
OPIA401 TTELEC-OPIA401 Datasheet
2Mb / 31P
   SMD, SOP and SSOP Packages
logo
STMicroelectronics
UM1075 STMICROELECTRONICS-UM1075 Datasheet
682Kb / 19P
   ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
October 2018 Rev 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com