Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-18TQ035-N3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-18TQ035-N3
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-18TQ035-N3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-18TQ035-N3 Datasheet HTML 1Page - Vishay Siliconix VS-18TQ035-N3 Datasheet HTML 2Page - Vishay Siliconix VS-18TQ035-N3 Datasheet HTML 3Page - Vishay Siliconix VS-18TQ035-N3 Datasheet HTML 4Page - Vishay Siliconix VS-18TQ035-N3 Datasheet HTML 5Page - Vishay Siliconix VS-18TQ035-N3 Datasheet HTML 6Page - Vishay Siliconix VS-18TQ035-N3 Datasheet HTML 7Page - Vishay Siliconix VS-18TQ035-N3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-18TQ0..PbF Series, VS-18TQ0..-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Oct-12
5
Document Number: 94149
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-18TQ035PbF
50
1000
Antistatic plastic tube
VS-18TQ035-N3
50
1000
Antistatic plastic tube
VS-18TQ040PbF
50
1000
Antistatic plastic tube
VS-18TQ040-N3
50
1000
Antistatic plastic tube
VS-18TQ045PbF
50
1000
Antistatic plastic tube
VS-18TQ045-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95221
Part marking information
TO-220AC PbF
www.vishay.com/doc?95224
TO-220AC -N3
www.vishay.com/doc?95068
SPICE model
www.vishay.com/doc?95280
2
-
Current rating (18 = 18 A)
3
-
Package:
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage ratings
6
035 = 35 V
040 = 40 V
045 = 45 V
Device code
6
2
4
3
5
18
T
Q
045 PbF
1
VS-
1
-
Vishay Semiconductors product
-
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant, and totally lead (Pb)-free
Environmental digit


Similar Part No. - VS-18TQ035-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-18TQ035-N3 VISHAY-VS-18TQ035-N3 Datasheet
179Kb / 7P
   Schottky Rectifier, 18 A
Revision: 11-Oct-12
More results

Similar Description - VS-18TQ035-N3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com