Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL20XV10B-20LP Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # GAL20XV10B-20LP
Description  High-Speed E2CMOS PLD Generic Array Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20XV10B-20LP Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button GAL20XV10B-20LP Datasheet HTML 6Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 7Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 8Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 9Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 10Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 11Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 12Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 13Page - Lattice Semiconductor GAL20XV10B-20LP Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Specifications GAL20XV10
10
VALID INPUT
INPUT or
I/O FEEDBACK
tpd
COMBINATORIAL
OUTPUT
INPUT or
I/O FEEDBACK
REGISTERED
OUTPUT
CLK
VALID INPUT
tsu
tco
th
(external fdbk)
1/
fma x
Registered Output
Combinatorial Output
OE
OUTPUT
ten
tdis
OE
OE
OE
OE
OE to Output Enable/Disable
CLK
(w/o fdbk)
1/
fmax
twl
twh
Clock Width
(Vref Typical = 3.2V)
(Vref Typical = 3.2V)
Typical Input
Typical Output
CLK
REGISTERED
FEEDBACK
tcf
tsu
1/
fmax (internal fdbk)
fmax with Feedback
Vcc
PIN
Vref
Tri-State
Control
Active Pull-up
Circuit
Feedback
(To Input Buffer)
PIN
Feedback
Data
Output
Vcc
PIN
Vcc
Vref
Active Pull-up
Circuit
ESD
Protection
Circuit
ESD
Protection
Circuit
Vcc
PIN
ten
tdis
INPUT or
I/O FEEDBACK
OUTPUT
Input or I/O Feedback to Enable/Disable
Switching Waveforms
Input/Output Equivalent Schematics


Similar Part No. - GAL20XV10B-20LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-3LJ LATTICE-GAL20LV8D-3LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-5LJ LATTICE-GAL20LV8D-5LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-7LJ LATTICE-GAL20LV8D-7LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL20XV10B-20LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL16VP8 LATTICE-GAL16VP8 Datasheet
216Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL20RA10 LATTICE-GAL20RA10 Datasheet
240Kb / 15P
   High-Speed Asynchronous E2CMOS PLD Generic Array Logic?
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com