Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL20V8B-7LI Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # GAL20V8B-7LI
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20V8B-7LI Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button GAL20V8B-7LI Datasheet HTML 4Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 5Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 6Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 7Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 8Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 9Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 10Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 11Page - Lattice Semiconductor GAL20V8B-7LI Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
Specifications GAL20V8
Combinatorial Output with Feedback Configuration
for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- All OLMC except pins 18 & 19 can be configured to
this function.
Combinatorial Output Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this configuration.
- Pins 18 & 19 are permanently configured to this
function.
Dedicated Input Configuration for Simple Mode
- SYN=1.
- AC0=0.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this configuration.
- All OLMC except pins 18 & 19 can be configured to
this function.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
In the Simple mode, pins are configured as dedicated inputs or as
dedicated, always active, combinatorial outputs.
Architecture configurations available in this mode are similar to the
common 14L8 and 16P6 devices with many permutations of ge-
neric output polarity or input choices.
All outputs in the simple mode have a maximum of eight product
terms that can control the logic. In addition, each output has pro-
grammable polarity.
Pins 1 and 13 are always available as data inputs into the AND
array. The “center” two macrocells (pins 18 and 19) cannot be used
in the input configuration.
The JEDEC fuse numbers including the UES fuses and PTD fuses
are shown on the logic diagram on the following page.
Vcc
XOR
Vcc
XOR
Simple Mode


Similar Part No. - GAL20V8B-7LI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20V8B-7LP LATTICE-GAL20V8B-7LP Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20V8B-7LPN LATTICE-GAL20V8B-7LPN Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL20V8B-7LI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com