Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL20V8C-10LP Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # GAL20V8C-10LP
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20V8C-10LP Datasheet(HTML) 4 Page - Lattice Semiconductor

  GAL20V8C-10LP Datasheet HTML 1Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 2Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 3Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 4Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 5Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 6Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 7Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 8Page - Lattice Semiconductor GAL20V8C-10LP Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
Specifications GAL20V8
In the Registered mode, macrocells are configured as dedicated
registered outputs or as I/O functions.
Architecture configurations available in this mode are similar to the
common 20R8 and 20RP4 devices with various permutations of
polarity, I/O and register placement.
All registered macrocells share common clock and output enable
control pins. Any macrocell can be configured as registered or I/
O. Up to eight registers or up to eight I/Os are possible in this mode.
Dedicated input or output functions can be implemented as sub-
sets of the I/O function.
Registered outputs have eight product terms per output. I/Os have
seven product terms per output.
The JEDEC fuse numbers, including the User Electronic Signature
(UES) fuses and the Product Term Disable (PTD) fuses, are shown
on the logic diagram on the following page.
Registered Configuration for Registered Mode
- SYN=0.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this output configuration.
- Pin 1 controls common CLK for the registered outputs.
- Pin 13 controls common
OE for the registered outputs.
- Pin 1 & Pin 13 are permanently configured as CLK &
OE for registered output configuration.
Combinatorial Configuration for Registered Mode
- SYN=0.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this output configuration.
- Pin 1 & Pin 13 are permanently configured as CLK &
OE for registered output configuration..
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
DQ
Q
CLK
OE
XOR
XOR
Registered Mode


Similar Part No. - GAL20V8C-10LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20V8C-10LJ LATTICE-GAL20V8C-10LJ Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20V8C-10LJI LATTICE-GAL20V8C-10LJI Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20V8C-10LJN LATTICE-GAL20V8C-10LJN Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20V8C-10LJNI LATTICE-GAL20V8C-10LJNI Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL20V8C-10LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com