Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL20V8ZD-15QP Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # GAL20V8ZD-15QP
Description  Zero Power E2CMOS PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20V8ZD-15QP Datasheet(HTML) 4 Page - Lattice Semiconductor

  GAL20V8ZD-15QP Datasheet HTML 1Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 2Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 3Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 4Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 5Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 6Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 7Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 8Page - Lattice Semiconductor GAL20V8ZD-15QP Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Specifications GAL20V8Z
GAL20V8ZD
4
Combinatorial Configuration for Registered Mode
- SYN=0.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=1 defines this output configuration.
- Pin 1(2) & Pin 13(16) are permanently configured as
CLK &
OE for registered output configuration.
Registered Configuration for Registered Mode
- SYN=0.
- AC0=1.
- XOR=0 defines Active Low Output.
- XOR=1 defines Active High Output.
- AC1=0 defines this output configuration.
- Pin 1(2) controls common CLK for the registered
outputs.
- Pin 13(16) controls common
OE for the registered
outputs.
- Pin 1(2) & Pin 13(16) are permanently configured as
CLK &
OE for registered output configuration.
In the Registered mode, macrocells are configured as dedicated
registered outputs or as I/O functions.
Architecture configurations available in this mode are similar to the
common 20R8 and 20RP4 devices with various permutations of
polarity, I/O and register placement.
All registered macrocells share common clock and output enable
control pins. Any macrocell can be configured as registered or I/
O. Up to eight registers or up to eight I/Os are possible in this mode.
Dedicated input or output functions can be implemented as sub-
sets of the I/O function.
Registered outputs have eight product terms per output. I/Os have
seven product terms per output.
Pin 4(5) is used as dedicated power-down pin on GAL20V8ZD. It
cannot be used as functional input.
The JEDEC fuse numbers, including the User Electronic Signature
(UES) fuses and the Product Term Disable (PTD) fuses, are shown
on the logic diagram on the following page.
Note: The development software configures all of the architecture control bits and checks for proper pin usage automatically.
DQ
Q
CLK
OE
XOR
XOR
Registered Mode


Similar Part No. - GAL20V8ZD-15QP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
logo
National Semiconductor ...
GAL20V8A-10 NSC-GAL20V8A-10 Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10L NSC-GAL20V8A-10L Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJC NSC-GAL20V8A-10LJC Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJI NSC-GAL20V8A-10LJI Datasheet
601Kb / 16P
   Generic Array Logic
More results

Similar Description - GAL20V8ZD-15QP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8Z LATTICE-GAL16V8Z Datasheet
289Kb / 19P
   Zero Power E2CMOS PLD
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL16V8A LATTICE-GAL16V8A Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
GAL-16V8 LATTICE-GAL-16V8 Datasheet
340Kb / 23P
   High Performance E2CMOS PLD
ISPGAL22V10 LATTICE-ISPGAL22V10 Datasheet
247Kb / 15P
   In-System Programmable E2CMOS PLD
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com