Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6104 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6104
Description  High Voltage, High Side, Bi-Directional Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6104 Datasheet(HTML) 5 Page - Linear Technology

  LTC6104_15 Datasheet HTML 1Page - Linear Technology LTC6104_15 Datasheet HTML 2Page - Linear Technology LTC6104_15 Datasheet HTML 3Page - Linear Technology LTC6104_15 Datasheet HTML 4Page - Linear Technology LTC6104_15 Datasheet HTML 5Page - Linear Technology LTC6104_15 Datasheet HTML 6Page - Linear Technology LTC6104_15 Datasheet HTML 7Page - Linear Technology LTC6104_15 Datasheet HTML 8Page - Linear Technology LTC6104_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6104
5
6104f
TYPICAL PERFORMANCE CHARACTERISTICS
Step Response 0mV to 10mV
Step Response 0mV to –10mV
Step Response –5mV to 5mV
Step Response –50mV to 50mV
Step Response Rising Edge
TIME (10
µs/DIV)
VS
VS –10mV
2.5V
2V
6104 G11
VSENSE
VOUT
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 2V
TIME (10
µs/DIV)
2.25V
2V
VS – 5mV
VS + 5mV
1.75V
6104 G13
VSENSE
VOUT
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 2V
TIME (10
µs/DIV)
6.5V
4V
VS – 50mV
VS + 50mV
1.5V
6104 G14
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 4V
CLOAD
1000pF
CLOAD
10pF
VSENSE
VOUT
TIME (1
µs/DIV)
6V
1V
1.5V
6104 G15
VSENSE
VOUT
IOUT = 100µA
IOUT = 0µA
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 1V
∆VSENSE = 100mV
Step Response Rising Edge
Step Response Falling Edge
TIME (1
µs/DIV)
6V
5.5V
1V
0.5V
6104 G16
VSENSE
VOUT
IOUT = –100µA
IOUT = 0µA
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 6V
∆VSENSE– = 100mV
Step Response Rising Edge
TIME (1
µs/DIV)
7V
VS – 50mV
VS + 50mV
4.5V
2V
6104 G17
VSENSE
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 4.5V
VOUT
TIME (1
µs/DIV)
5V
6.5V
1V
1.5V
6104 G18
VSENSE
IOUT = 100µA
IOUT = 0µA
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 1V
∆VSENSE– = 100mV
VOUT
TIME (10
µs/DIV)
VS
VS + 10mV
2V
1.5V
6104 G12
VOUT
TA = 25°C
VS = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V
S
VREF = 2V
VSENSE


Similar Part No. - LTC6104_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6104CMS8 LINER-LTC6104CMS8 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
LTC6104HMS8 LINER-LTC6104HMS8 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
LTC6104IMS8 LINER-LTC6104IMS8 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
More results

Similar Description - LTC6104_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6104 LINER-LTC6104 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
   High-voltage, high-side current sense amplifier
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
   High-voltage, high-side current sense amplifier
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
   High Voltage High-Side Current Sense Amplifier
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
   Dual High Voltage, High Side Current Sense Amplifier
logo
3PEAK INC.
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
   High-side current sense amplifier
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
   High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com