Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6085 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6085
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6085 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6085_15 Datasheet HTML 5Page - Linear Technology LTC6085_15 Datasheet HTML 6Page - Linear Technology LTC6085_15 Datasheet HTML 7Page - Linear Technology LTC6085_15 Datasheet HTML 8Page - Linear Technology LTC6085_15 Datasheet HTML 9Page - Linear Technology LTC6085_15 Datasheet HTML 10Page - Linear Technology LTC6085_15 Datasheet HTML 11Page - Linear Technology LTC6085_15 Datasheet HTML 12Page - Linear Technology LTC6085_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6084/LTC6085
9
60845fa
TYPICAL PERFORMANCE CHARACTERISTICS
OUT: Amplifier Output.
–IN: Inverting Input.
+IN: Noninverting Input.
V+:
Positive Supply.
V:
Negative Supply.
SHDNA: Shutdown Pin of Amplifier A, active low and only
available with the LTC6084DD. An internal current source
pulls the pin to V+ when floating.
SHDNB: Shutdown Pin of Amplifier B, active low and only
available with the LTC6084DD. An internal current source
pulls the pin to V+ when floating.
NC: Not Internally Connected.
Exposed Pad: Connected to V.
Large Signal Response
Large Signal Response
Large Signal Response
20μs/DIV
60845 G27
VS = 5V
AV = –1
RL = 1k
1V/DIV
20μs/DIV
60845 G28
VS = 5V
AV = 1
RL = ∞
1V/DIV
20μs/DIV
60845 G29
VS = 5V
AV = –1
RL = 1k
1V/DIV
PIN FUNCTIONS


Similar Part No. - LTC6085_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
More results

Similar Description - LTC6085_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6085CDHC LINEAR-LTC6085CDHC Datasheet
223Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6081 LINER-LTC6081_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
LTC6082 LINER-LTC6082_15 Datasheet
319Kb / 20P
   Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifiers
logo
Analog Devices
OP295 AD-OP295 Datasheet
328Kb / 12P
   DUAL/QUAD RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com