Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL20VP8 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL20VP8
Description  High-Speed E2CMOS PLD Generic Array Logic
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20VP8 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL20VP8 Datasheet HTML 7Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 8Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 9Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 10Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 11Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 12Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 13Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 14Page - Lattice Semiconductor GAL20VP8 Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Specifications GAL20VP8
11
tpd
A
Input or I/O to Combinational Output
3
15
3
25
ns
tco
A
Clock to Output Delay
2
10
2
15
ns
tcf2
Clock to Feedback Delay
4.5
10
ns
tsu
Setup Time, Input or Feedback before Clock
8
10
ns
th
Hold Time, Input or Feedback after Clock
0
0
ns
A
Maximum Clock Frequency with
55.5
40
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
80
50
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
80
50
MHz
No Feedback
twh
Clock Pulse Duration, High
6
10
ns
twl
Clock Pulse Duration, Low
6
10
ns
ten
B
Input or I/O to Output Enabled
15
20
ns
B
OE to Output Enabled
12
15
ns
tdis
C
Input or I/O to Output Disabled
15
20
ns
C
OE to Output Disabled
12
15
ns
-15
MIN. MAX.
PARAMETER
UNITS
-25
MIN. MAX.
TEST
COND1.
DESCRIPTION
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Specification section.
3) Refer to fmax Specification section.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
10
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
15
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
COM
COM
AC Switching Characteristics
Over Recommended Operating Conditions
Capacitance (T
A = 25°C, f = 1.0 MHz)


Similar Part No. - GAL20VP8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
logo
National Semiconductor ...
GAL20V8A-10 NSC-GAL20V8A-10 Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10L NSC-GAL20V8A-10L Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJC NSC-GAL20V8A-10LJC Datasheet
601Kb / 16P
   Generic Array Logic
GAL20V8A-10LJI NSC-GAL20V8A-10LJI Datasheet
601Kb / 16P
   Generic Array Logic
More results

Similar Description - GAL20VP8

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20XV10 LATTICE-GAL20XV10 Datasheet
234Kb / 14P
   High-Speed E2CMOS PLD Generic Array Logic
GAL16VP8 LATTICE-GAL16VP8 Datasheet
216Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL20RA10 LATTICE-GAL20RA10 Datasheet
240Kb / 15P
   High-Speed Asynchronous E2CMOS PLD Generic Array Logic?
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com