Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30H35CT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR30H35CT
Description  Dual Common Cathode Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR30H35CT Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR30H35CT Datasheet HTML 1Page - Vishay Siliconix MBR30H35CT Datasheet HTML 2Page - Vishay Siliconix MBR30H35CT Datasheet HTML 3Page - Vishay Siliconix MBR30H35CT Datasheet HTML 4Page - Vishay Siliconix MBR30H35CT Datasheet HTML 5Page - Vishay Siliconix MBR30H35CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR30HxxCT, MBRF30HxxCT, MBRB30HxxCT
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
2
Document Number: 88866
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) AEC-Q101 qualified
Non-repetitive avalanche energy per diode
at 25 °C, IAS = 4 A, L = 10 mH
EAS
80
mJ
Electrostatic discharge capacitor voltage human
body model: C = 100 pF, R = 1.5 k
VC
25
kV
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
MBR30H35CT
MBR30H45CT
MBR30H50CT
MBR30H60CT
UNIT
Maximum instantaneous forward voltage
per diode (1)
IF = 15 A
TC = 25 °C
VF
-0.62-
0.68
V
IF = 15 A
TC = 125 °C
0.49
0.56
0.55
0.59
IF = 30 A
TC = 25 °C
-
0.73
-
0.83
IF = 30 A
TC = 125 °C
0.62
0.67
0.68
0.71
Maximum reverse current per diode at
working peak reverse voltage (2)
TJ = 25 °C
IR
-
80
-
60
μA
TJ = 125 °C
5.0
15
4.0
15
mA
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL MBR30H35CT MBR30H45CT MBR30H50CT MBR30H60CT
UNIT
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MBR
MBRF
MBRB
UNIT
Typical thermal resistance junction to
case per diode
RJC
1.5
4.5
1.5
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AB
MBR30H45CT-E3/45
1.85
45
50/tube
Tube
ITO-220AB
MBRF30H45CT-E3/45
1.99
45
50/tube
Tube
TO-263AB
MBRB30H45CT-E3/45
1.35
45
50/tube
Tube
TO-263AB
MBRB30H45CT-E3/81
1.35
81
800/teel
Tape and reel
TO-220AB
MBR30H45CTHE3/45 (1)
1.85
45
50/tube
Tube
ITO-220AB
MBRF30H45CTHE3/45 (1)
1.99
45
50/tube
Tube
TO-263AB
MBRB30H45CTHE3/45 (1)
1.35
45
50/tube
Tube
TO-263AB
MBRB30H45CTHE3/81 (1)
1.35
81
800/teel
Tape and reel


Similar Part No. - MBR30H35CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H35CT VISHAY-MBR30H35CT Datasheet
86Kb / 3P
   Dual High-Voltage Schottky Rectifiers
7-Feb-03
MBR30H35CT VISHAY-MBR30H35CT Datasheet
161Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 31-Jul-08
logo
Kersemi Electronic Co.,...
MBR30H35CT KERSEMI-MBR30H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
MBR30H35CT KERSEMI-MBR30H35CT Datasheet
1Mb / 3P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
More results

Similar Description - MBR30H35CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com