Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4446 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4446
Description  High Voltage High Side/ Low Side N-Channel MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4446 Datasheet(HTML) 2 Page - Linear Technology

  LTC4446_15 Datasheet HTML 1Page - Linear Technology LTC4446_15 Datasheet HTML 2Page - Linear Technology LTC4446_15 Datasheet HTML 3Page - Linear Technology LTC4446_15 Datasheet HTML 4Page - Linear Technology LTC4446_15 Datasheet HTML 5Page - Linear Technology LTC4446_15 Datasheet HTML 6Page - Linear Technology LTC4446_15 Datasheet HTML 7Page - Linear Technology LTC4446_15 Datasheet HTML 8Page - Linear Technology LTC4446_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4446
2
4446f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC......................................................... –0.3V to 14V
BOOST – TS........................................... –0.3V to 14V
TINP Voltage ................................................. –2V to 14V
BINP Voltage................................................. –2V to 14V
BOOST Voltage ........................................ –0.3V to 114V
TS Voltage................................................... –5V to 100V
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
1
2
3
4
TINP
BINP
VCC
BG
8
7
6
5
TS
TG
BOOST
NC
TOP VIEW
9
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W (NOTE 4)
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Driver Supply, VCC
VCC
Operating Voltage
7.2
13.5
V
IVCC
DC Supply Current
TINP = BINP = 0V
350
550
μA
UVLO
Undervoltage Lockout Threshold
VCC Rising
VCC Falling
Hysteresis
l
l
6.00
5.60
6.60
6.15
450
7.20
6.70
V
V
mV
Bootstrapped Supply (BOOST – TS)
IBOOST
DC Supply Current
TINP = BINP = 0V
0.1
2
μA
Input Signal (TINP, BINP)
VIH(BG)
BG Turn-On Input Threshold
BINP Ramping High
l
2.25
2.75
3.25
V
VIL(BG)
BG Turn-Off Input Threshold
BINP Ramping Low
l
1.85
2.3
2.75
V
VIH(TG)
TG Turn-On Input Threshold
TINP Ramping High
l
2.25
2.75
3.25
V
VIL(TG)
TG Turn-Off Input Threshold
TINP Ramping Low
l
1.85
2.3
2.75
V
ITINP(BINP)
Input Pin Bias Current
±0.01
±2
μA
High Side Gate Driver Output (TG)
VOH(TG)
TG High Output Voltage
ITG = –10mA, VOH(TG) = VBOOST – VTG
0.7
V
VOL(TG)
TG Low Output Voltage
ITG = 100mA, VOL(TG) = VTG –VTS
l
120
220
mV
IPU(TG)
TG Peak Pull-Up Current
l
1.7
2.5
A
RDS(TG)
TG Pull-Down Resistance
l
1.2
2.2
Ω
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = VBOOST = 12V, VTS = GND = 0V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4446EMS8E#PBF
LTC4446EMS8E#TRPBF
LTDPZ
8-Lead Plastic MSOP
–40°C to 85°C
LTC4446IMS8E#PBF
LTC4446IMS8E#TRPBF
LTDPZ
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC4446_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4446EMS8E-PBF LINER-LTC4446EMS8E-PBF Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446EMS8E-TRPBF LINER-LTC4446EMS8E-TRPBF Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446IMS8E-PBF LINER-LTC4446IMS8E-PBF Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
LTC4446IMS8E-TRPBF LINER-LTC4446IMS8E-TRPBF Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
More results

Similar Description - LTC4446_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4446 LINER-LTC4446 Datasheet
193Kb / 12P
   High Voltage High Side/Low Side N-Channel MOSFET Driver
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
   High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
STMicroelectronics
L6390 STMICROELECTRONICS-L6390_12 Datasheet
725Kb / 26P
   High-voltage high/low-side driver
logo
Texas Instruments
LM5100 TI1-LM5100 Datasheet
879Kb / 18P
[Old version datasheet]   High Voltage High Side and Low Side Gate Driver
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com