Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL16V8B-7LP Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # GAL16V8B-7LP
Description  High Performance E2CMOS PLD Generic Array Logic
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL16V8B-7LP Datasheet(HTML) 1 Page - Lattice Semiconductor

  GAL16V8B-7LP Datasheet HTML 1Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 2Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 3Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 4Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 5Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 6Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 7Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 8Page - Lattice Semiconductor GAL16V8B-7LP Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Specifications GAL16V8
1996 Data Book
3-65
1
10
11
20
I/CLK
I
I
I
I
I
I
I
I
GND
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/OE
5
15
FUNCTIONAL BLOCK DIAGRAM
FEATURES
PIN CONFIGURATION
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
— 5 ns Maximum Propagation Delay
— Fmax = 166 MHz
— 4 ns Maximum from Clock Input to Data Output
— UltraMOS® Advanced CMOS Technology
• 50% to 75% REDUCTION IN POWER FROM BIPOLAR
— 75mA Typ Icc on Low Power Device
— 45mA Typ Icc on Quarter Power Device
• ACTIVE PULL-UPS ON ALL PINS
•E2 CELL TECHNOLOGY
— Reconfigurable Logic
— Reprogrammable Cells
— 100% Tested/Guaranteed 100% Yields
— High Speed Electrical Erasure (<100ms)
— 20 Year Data Retention
• EIGHT OUTPUT LOGIC MACROCELLS
— Maximum Flexibility for Complex Logic Designs
— Programmable Output Polarity
— Also Emulates 20-pin PAL® Devices with Full Func-
tion/Fuse Map/Parametric Compatibility
• PRELOAD AND POWER-ON RESET OF ALL REGISTERS
— 100% Functional Testability
• APPLICATIONS INCLUDE:
— DMA Control
— State Machine Control
— High Speed Graphics Processing
— Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION
DESCRIPTION
The GAL16V8C, at 5 ns maximum propagation delay time, com-
bines a high performance CMOS process with Electrically Eras-
able (E2) floating gate technology to provide the highest speed
performance available in the PLD market. High speed erase times
(<100ms) allow the devices to be reprogrammed quickly and ef-
ficiently.
The generic architecture provides maximum design flexibility by
allowing the Output Logic Macrocell (OLMC) to be configured by
the user. An important subset of the many architecture configu-
rations possible with the GAL16V8 are the PAL architectures
listed in the table of the macrocell description section. GAL16V8
devices are capable of emulating any of these PAL architectures
with full function/fuse map/parametric compatibility.
Unique test circuitry and reprogrammable cells allow complete
AC, DC, and functional testing during manufacture. As a result,
Lattice Semiconductor guarantees 100% field programmability
and functionality of all GAL products. In addition, 100 erase/write
cycles and data retention in excess of 20 years are guaranteed.
PLCC
GAL
16V8
DIP
GAL16V8
Top View
2
20
I/CLK
I
I
I
I
I
I
I
I
GND
Vcc
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/O/Q
I/OE
4
6
8
9
11
13
14
16
18
I/CLK
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
I
I/O/Q
CLK
8
8
8
8
8
8
8
8
OE
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
OLMC
I/OE
GAL16V8
High Performance E2CMOS PLD
Generic Array Logic™
Copyright © 1996 Lattice Semiconductor Corporation. E2CMOS, GAL, ispGAL, ispLSI, pLSI, pDS, Silicon Forest, UltraMOS, L with Lattice Semiconductor Corp. and L (Stylized) are registered
trademarks of Lattice Semiconductor Corporation (LSC). The LSC Logo, Generic Array Logic, In-System Programmability, In-System Programmable, ISP, ispATE, ispCODE, ispDOWNLOAD,
ispGDS, ispStarter, ispSTREAM, ispTEST, ispTURBO, Latch-Lock, pDS+, RFT, Total ISP and Twin GLB are trademarks of Lattice Semiconductor Corporation. ISP is a service mark of Lattice
Semiconductor Corporation. All brand names or product names mentioned are trademarks or registered trademarks of their respective holders.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
1996 Data Book
Tel. (503) 681-0118; 1-888-ISP-PLDS; FAX (503) 681-3037; http://www.lattice.com


Similar Part No. - GAL16V8B-7LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8B-7LP LATTICE-GAL16V8B-7LP Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
GAL16V8B-7LPI LATTICE-GAL16V8B-7LPI Datasheet
1Mb / 24P
   HIGH PERFORMANCE E2CMOS PLD
More results

Similar Description - GAL16V8B-7LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com