Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2404 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2404
Description  1.6GHz Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2404 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2404_15 Datasheet HTML 1Page - Torex Semiconductor XC2404_15 Datasheet HTML 2Page - Torex Semiconductor XC2404_15 Datasheet HTML 3Page - Torex Semiconductor XC2404_15 Datasheet HTML 4Page - Torex Semiconductor XC2404_15 Datasheet HTML 5Page - Torex Semiconductor XC2404_15 Datasheet HTML 6Page - Torex Semiconductor XC2404_15 Datasheet HTML 7Page - Torex Semiconductor XC2404_15 Datasheet HTML 8Page - Torex Semiconductor XC2404_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
XC2404A816UR-G
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage
VDD
1.60
V
Current Circuit
IDD
42
mA
RF Input Power
PIN
10
dBm
Power Dissipation
Pd
120
mW
Operating Temperature Range
Ta
-40∼+85
oC
Storage Temperature Range
Tstg
-55∼+125
oC
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
■BLOCK DIAGRAMS
VDD1
VDD2
VDD3
VSS3
VSS2
VSS1
RF_ OUT
RF_IN


Similar Part No. - XC2404_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404-12 TOREX-XC2404-12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
More results

Similar Description - XC2404_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2404 TOREX-XC2404_12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404-12 TOREX-XC2404-12 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
XC2404 TOREX-XC2404 Datasheet
377Kb / 16P
   1.6GHz Low Noise Amplifier
logo
Texas Instruments
OPA657 TI-OPA657 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC6401-26 LINER-LTC6401-26_15 Datasheet
238Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-26 LINER-LTC6401-26 Datasheet
232Kb / 16P
   1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
logo
Toshiba Semiconductor
TA4008F TOSHIBA-TA4008F Datasheet
138Kb / 4P
   1.6GHz BAND BUFFER AMPLIFIER APPLICATIONS)
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com