Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL18V10 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # GAL18V10
Description  High Performance E2CMOS PLD Generic Array Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL18V10 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button GAL18V10 Datasheet HTML 3Page - Lattice Semiconductor GAL18V10 Datasheet HTML 4Page - Lattice Semiconductor GAL18V10 Datasheet HTML 5Page - Lattice Semiconductor GAL18V10 Datasheet HTML 6Page - Lattice Semiconductor GAL18V10 Datasheet HTML 7Page - Lattice Semiconductor GAL18V10 Datasheet HTML 8Page - Lattice Semiconductor GAL18V10 Datasheet HTML 9Page - Lattice Semiconductor GAL18V10 Datasheet HTML 10Page - Lattice Semiconductor GAL18V10 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Specifications GAL18V10B
7
tpd
A
Input or I/O to Comb. Output
7.5
10
15
20
ns
tco
A
Clock to Output Delay
5.5
7
10
12
ns
tcf2
Clock to Feedback Delay
3.5
3.5
7
10
ns
tsu
Setup Time, Input or Fdbk before Clk
5.5
6
8
12
ns
th
Hold Time, Input or Fdbk after Clk
0
0
0
0
ns
A
Maximum Clock Frequency with
90.9
76.9
55.5
41.6
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
111
105
66.7
45.4
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
111
105
66.7
62.5
MHz
No Feedback
twh
Clock Pulse Duration, High
4
4
6
8
ns
twl
Clock Pulse Duration, Low
4
4
6
8
ns
ten
B
Input or I/O to Output Enabled
8
10
15
20
ns
tdis
C
Input or I/O to Output Disabled
8
9
15
20
ns
tar
A
Input or I/O to Asynch. Reset of Reg.
13
13
20
20
ns
tarw
Asynch. Reset Pulse Duration
8
8
10
15
ns
tarr
Asynch. Reset to Clk
↑ Recovery Time
8
8
10
15
ns
tspr
Synch. Preset to Clk
↑ Recovery Time
10
10
10
12
ns
UNITS
PARAM.
TEST
COND.1
DESCRIPTION
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section.
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
COM
COM
COM
COM
-7
MIN. MAX.
-10
MIN. MAX.
-15
MIN. MAX.
-20
MIN. MAX.
AC Switching Characteristics
Over Recommended Operating Conditions
Capacitance (T
A = 25°C, f = 1.0 MHz)


Similar Part No. - GAL18V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL1883 LATTICE-GAL1883 Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
More results

Similar Description - GAL18V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com