Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4096 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4096
Description  Dual Input Standalone Li-Ion Battery Chargers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4096 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4096_15 Datasheet HTML 4Page - Linear Technology LTC4096_15 Datasheet HTML 5Page - Linear Technology LTC4096_15 Datasheet HTML 6Page - Linear Technology LTC4096_15 Datasheet HTML 7Page - Linear Technology LTC4096_15 Datasheet HTML 8Page - Linear Technology LTC4096_15 Datasheet HTML 9Page - Linear Technology LTC4096_15 Datasheet HTML 10Page - Linear Technology LTC4096_15 Datasheet HTML 11Page - Linear Technology LTC4096_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4096/LTC4096X
8
4096xf
BLOCK DIAGRAM
+
+
+
+
+
+
+
RECHRG
TRICKLE
TERM
LOGIC
4.15V
BAT
4.2V
BAT
4V
BAT
2.9V
100mV
IBAT/1000
IBAT/1000
IBAT/1000
4
5
6
9
7
DC_ENABLE
USB_ENABLE
CHARGER CONTROL
CC/CV
REGULATOR
CC/CV
REGULATOR
10
1
2
RITERM
RIUSB
RIDC
ITERM
IUSB
IDC
GND
8, 11
150
°C
115
°C
TDIE
USBIN
HIGH-Z
DCIN
USBON
DCON
USBIN UVLO
DCIN UVLO
DCIN
BAT
USBIN
3 PWR
SUSP
RSUSP
CHRG
TERMINATION
TRICKLE
CHARGE*
RECHARGE
THERMAL
REGULATION
AND
SHUTDOWN
10mA MAX
4096 BD
*NOT PRESENT IN THE "X" VERSION
RDC-PWR
RUSB-PWR
GND (Pin 8): Ground.
IDC (Pin 9): Charge Current Program for Wall Adapter
Power. The charge current is set by connecting a resistor,
RIDC, to ground. When charging in constant-current mode,
this pin servos to 1V. The voltage on this pin can be used
to measure the battery current delivered from the DCIN
input using the following formula:
I
V
R
BAT
IDC
IDC
=
•1000
BAT (Pin 10): Charger Output. This pin provides charge
current to the battery and regulates the final float voltage
to 4.2V.
Exposed Pad (Pin 11): GND. The exposed backside of the
package is ground and must be soldered to PC board ground
for electrical connection and maximum heat transfer.
PIN FUNCTIONS


Similar Part No. - LTC4096_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4096EDD LINER-LTC4096EDD Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096X LINER-LTC4096X Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096XEDD LINER-LTC4096XEDD Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
More results

Similar Description - LTC4096_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com