Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74WL74AASR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC74WL74AASR
Description  CMOS Logic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL74AASR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC74WL74AASR_15 Datasheet HTML 1Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 2Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 3Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 4Page - Torex Semiconductor XC74WL74AASR_15 Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
XC74WL74AASR
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
3.3
6.7
11.9
1.0
14.0
15pF
5.0
4.6
7.3
1.0
8.5
ns
3.3
9.2
15.4
1.0
17.5
Delay Time
tPLH
50pF
5.0
6.1
9.3
1.0
10.5
ns
3.3
6.7
11.9
1.0
14.0
15pF
5.0
4.6
7.3
1.0
8.5
ns
3.3
9.2
15.4
1.0
17.5
(CK-Q Q)
tPHL
50pF
5.0
6.1
9.3
1.0
10.5
ns
3.3
7.6
12.3
1.0
14.5
15pF
5.0
4.8
7.7
1.0
9.0
ns
3.3
10.1
15.8
1.0
18.0
Delay Time
tPLH
50pF
5.0
6.3
9.7
1.0
11.0
ns
3.3
7.6
12.3
1.0
14.5
15pF
5.0
4.8
7.7
1.0
9.0
ns
3.3
10.1
15.8
1.0
18.0
(PR, CLR-Q, Q)
tPHL
50pF
5.0
6.3
9.7
1.0
11.0
ns
ts(L)
3.3
6.0
7.0
Minimum Set Up Time
ts(H)
5.0
5.0
5.0
ns
th(L)
3.3
2.0
2.0
Minimum Hold Time
th(H)
5.0
2.0
2.0
ns
Minimum Pulse Width
tw(L)
3.3
7.0
7.0
(CK)
tw(H)
5.0
5.0
5.0
ns
Minimum Pulse Width
3.3
7.0
7.0
(PR, CLR)
Tw
5.0
5.0
5.0
ns
Minimum Removal Time
3.3
5.0
5.0
(PR, CLR)
trem
5.0
3.0
3.0
ns
3.3
80
125
70
Maximum Clock
15pF
5.0
130
170
110
MHz
3.3
50
75
45
Frequency
fmax
50pF
5.0
90
115
75
MHz
Input Capacitance
CIN
5.0
VIN=VCC or GND
4
10
10
pF
Power Dissipation
Capacitance
Cpd
No Load, f=1MHz
9.3
pF
Ta=25℃
PARAMETER
SYMBOL
CL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Non Functional Output Maximum Dynamic VOL
VOLP
50pF
5.0
0.3
0.8
V
Non Functional Output Minimum Dynamic VOL
VOLV
50pF
5.0
-0.8
-0.3
V
Minimum Dynamic VIH
VIHD
50pF
5.0
3.5
V
Maximum Dynamic VIL
VILD
50pF
5.0
1.5
V
SWITCHING ELECTRICAL CHARACTERISTICS
(tr=tf=3ns)
(tr=tf=3ns)
NOISE CHARACTERISTICS


Similar Part No. - XC74WL74AASR_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74WL74AASR-12 TOREX-XC74WL74AASR-12 Datasheet
212Kb / 5P
   CMOS Logic
XC74WL74AASR TOREX-XC74WL74AASR_12 Datasheet
212Kb / 5P
   CMOS Logic
More results

Similar Description - XC74WL74AASR_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
113Kb / 3P
   CMOS LOGIC
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com