Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128VE-100LB208 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI2128VE-100LB208
Description  3.3V In-System Programmable SuperFAST??High Density PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VE-100LB208 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI2128VE-100LB208 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VE-100LB208 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Specifications ispLSI 2128VE
5
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of four, 20 PTXOR path, ORP and Y0 clock.
2. Standard 16-bit counter using GRP feedback.
3. Reference Switching Test Conditions section.
Table 2-0030A/2128VE
v.1.0
1
3
2
1
tsu2 + tco1
(
)
DESCRIPTION
#
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
ns
tpd2
A
2
Data Propagation Delay
ns
fmax
A
3
Clock Frequency with Internal Feedback
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
MHz
tsu1
6
GLB Reg. Setup Time before Clock, 4 PT Bypass
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
ns
tsu2
9
GLB Reg. Setup Time before Clock
ns
tco2
A
10
GLB Reg. Clock to Output Delay
ns
th2
11
GLB Reg. Hold Time after Clock
ns
tr1
A
12
Ext. Reset Pin to Output Delay, ORP Bypass
ns
trw1
13
Ext. Reset Pulse Duration
ns
tptoeen
B
14
Input to Output Enable
ns
tptoedis
C
15
Input to Output Disable
ns
tgoeen
B
16
Global OE Output Enable
ns
tgoedis
C
17
Global OE Output Disable
ns
twh
18
External Synchronous Clock Pulse Duration, High
ns
twl
19
External Synchronous Clock Pulse Duration, Low
ns
-180
MIN. MAX.
5.0
180
0.0
4.5
0.0
4.0
2.5
2.5
125
200
3.5
3.5
4.5
7.0
10.0
10.0
5.0
5.0
7.5
-250
MIN. MAX.
4.0
250
0.0
3.3
0.0
3.5
1.8
1.8
158.7
275
2.5
3.0
3.7
6.0
6.0
6.0
4.0
4.0
6.0


Similar Part No. - ISPLSI2128VE-100LB208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE-100LB208 LATTICE-ISPLSI2128VE-100LB208 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128VE-100LB208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com