Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4078 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4078
Description  Dual Input Li-Ion Battery Charger with Overvoltage Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4078 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4078_15 Datasheet HTML 2Page - Linear Technology LTC4078_15 Datasheet HTML 3Page - Linear Technology LTC4078_15 Datasheet HTML 4Page - Linear Technology LTC4078_15 Datasheet HTML 5Page - Linear Technology LTC4078_15 Datasheet HTML 6Page - Linear Technology LTC4078_15 Datasheet HTML 7Page - Linear Technology LTC4078_15 Datasheet HTML 8Page - Linear Technology LTC4078_15 Datasheet HTML 9Page - Linear Technology LTC4078_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4078/LTC4078X
6
4078xfb
Undervoltage Lockout Threshold
vs Temperature
Overvoltage Lockout Threshold
vs Temperature
Battery Drain Current
vs Temperature
Recharge Threshold Voltage
vs Temperature
BATDET Voltage/Current
vs Temperature
BATDET Pin Threshold Voltage
(On-to-Off) vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise specified.
–10
90
70
50
30
10
TEMPERATURE (°C)
4.10
4.15
4078x G19
4.05
4.00
3.85
3.90
3.95
4.25
4.20
DCIN UVLO
USBIN UVLO
–10
90
70
50
30
10
TEMPERATURE (°C)
4078x G20
5.80
5.90
6.10
5.95
6.00
6.05
5.85
DCIN OVLO
USBIN OVLO
TEMPERATURE (°C)
4.07
4078x G21
4.03
4.11
4.05
4.09
VDCIN = VUSBIN = 5V
–10
90
70
50
30
10
TEMPERATURE (°C)
–50
8.0
100
4078x G22
7.0
6.0
–25
25
75
050
9.0
7.5
8.5
6.5
VDCIN = VUSBIN = NOT CONNECTED
VBAT = 4.2V
–10
90
70
50
30
10
TEMPERATURE (°C)
4078x G23
1.4
1.6
2.0
1.7
1.8
1.9
1.5
VDCIN = VUSBIN = 5V
–10
90
70
50
30
10
TEMPERATURE (°C)
4078x G24
4.0
4.2
4.4
4.3
4.1
3.00
4.50
6.00
5.25
3.75
VDCIN = VUSBIN = 5V
VBOC
IBATDET


Similar Part No. - LTC4078_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4078X LINER-LTC4078X Datasheet
186Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078XEDD-PBF LINER-LTC4078XEDD-PBF Datasheet
186Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078XEDD-TRPBF LINER-LTC4078XEDD-TRPBF Datasheet
186Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
More results

Similar Description - LTC4078_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X Datasheet
186Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078 LINER-LTC4078 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213 MICROCHIP-MCP73213_14 Datasheet
620Kb / 34P
   Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
logo
Intersil Corporation
ISL9228 INTERSIL-ISL9228 Datasheet
181Kb / 11P
   Dual Input Li-ion/Li-Polymer Battery Charger With Battery Removal Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com