Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4075X Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4075X
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075X Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4075X_15 Datasheet HTML 5Page - Linear Technology LTC4075X_15 Datasheet HTML 6Page - Linear Technology LTC4075X_15 Datasheet HTML 7Page - Linear Technology LTC4075X_15 Datasheet HTML 8Page - Linear Technology LTC4075X_15 Datasheet HTML 9Page - Linear Technology LTC4075X_15 Datasheet HTML 10Page - Linear Technology LTC4075X_15 Datasheet HTML 11Page - Linear Technology LTC4075X_15 Datasheet HTML 12Page - Linear Technology LTC4075X_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4075/LTC4075X
9
4075Xfa
The LTC4075 is designed to efficiently manage charging of
a single-cell lithium-ion battery from two separate power
sources: a wall adapter and USB power bus. Using the
constant-current/constant-voltage algorithm, the charger
can deliver up to 950mA of charge current from the wall
adapter supply or up to 650mA of charge current from the
USB supply with a final float voltage accuracy of ±0.6%.
The LTC4075 has two internal P-channel power MOSFETs
and thermal regulation circuitry. No blocking diodes or
external sense resistors are required.
Power Source Selection
The LTC4075 can charge a battery from either the wall
adapter input or the USB port input. The LTC4075 automati-
cally senses the presence of voltage at each input. If both
power sources are present, the LTC4075 defaults to the
wall adapter source provided sufficient power is present
at the DCIN input. “Sufficient power” is defined as:
• Supply voltage is greater than the UVLO threshold.
• Supply voltage is greater than the battery voltage by
50mV (180mV rising, 50mV falling).
The open drain power status outputs (
⎯P⎯W⎯RandUSBPWR)
indicate which power source has been selected. Table 1
describes the behavior of these status outputs.
Table 1. Power Source Selection
VUSBIN > 3.95V and
VUSBIN < 3.95V or
VUSBIN > BAT + 50mV
VUSBIN < BAT + 50mV
VDCIN > 4.15V and
Device powered from
Device powered from
VDCIN > BAT + 50mV
wall adapter source;
wall adapter source
USBIN current < 25µA
⎯P⎯W⎯R: LOW
⎯P⎯W⎯R: LOW
USBPWR: LOW
USBPWR: LOW
VDCIN < 4.15V or
Device powered from
No charging
VDCIN < BAT + 50mV
USB source;
⎯P⎯W⎯R: LOW
⎯P⎯W⎯R: Hi-Z
USBPWR: Hi-Z
USBPWR: LOW
Programming and Monitoring Charge Current
The charge current delivered to the battery from the wall
adapter supply is programmed using a single resistor
from the IDC pin to ground. Likewise, the charge current
from the USB supply is programmed using a single resis-
tor from the IUSB pin to ground. The program resistor
and the charge current (ICHRG) are calculated using the
following equations:
R
V
I
I
V
R
R
V
I
I
V
R
IDC
CHRG DC
CHRG DC
IDC
IUSB
CHRG USB
CHRG USB
IUSB
==
==
1000
1000
1000
1000
,
,
Charge current out of the BAT pin can be determined at
any time by monitoring the IDC or IUSB pin voltage and
using the following equations:
I
V
R
ch
ing fromwall adapter
I
V
R
ch
ing fromUSB
ply
BAT
IDC
IDC
BAT
IUSB
IUSB
=
=
, ( arg
)
, ( arg
sup
)
1000
1000
Programming Charge Termination
The charge cycle terminates when the charge current falls
below the programmed termination threshold during con-
stant-voltage mode. This threshold is set by connecting an
external resistor, RITERM, from the ITERM pin to ground.
The charge termination current threshold (ITERMINATE) is
set by the following equation:
R
V
I
I
V
R
ITERM
TERMINATE
TERMINATE
ITERM
==
100
100
,
OPERATIO


Similar Part No. - LTC4075X_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4075XEDD LINER-LTC4075XEDD Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
More results

Similar Description - LTC4075X_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com