Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30A40CTFP-JT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR30A40CTFP-JT
Description  30A SBR짰 SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A40CTFP-JT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR30A40CTFP-JT Datasheet HTML 1Page - Diodes Incorporated SBR30A40CTFP-JT Datasheet HTML 2Page - Diodes Incorporated SBR30A40CTFP-JT Datasheet HTML 3Page - Diodes Incorporated SBR30A40CTFP-JT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBR30A40
Document number: DS30980 Rev. 6 - 2
2 of 4
www.diodes.com
October 2011
© Diodes Incorporated
SBR30A40CT
SBR30A40CTFP
SBR is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
40
V
Average Rectified Output Current @ TC = 110ºC
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
250
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
3
A
Isolation Voltage (ITO-220AB Only)
From terminal to heatsink t = 3 sec.
VAC
2000
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance (per leg)
Package = TO-220AB
Package = ITO-220AB
RθJC
2
4
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
0.42
0.50
0.45
V
IF = 15A, TJ = 25ºC
IF = 15A, TJ = 125ºC
Leakage Current (Note 4)
IR
-
-
0.5
100
mA
VR = 40V, TJ = 25ºC
VR = 40V, TJ = 125ºC
Notes:
4. Short duration pulse test used to minimize self-heating effect.
0
5
10
15
0
25
50
75
100
125
150
TC CASE TEMPERATURE (°C)
Figure 1: Current Derating Curve, Per Element


Similar Part No. - SBR30A40CTFP-JT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A40CTFP DIODES-SBR30A40CTFP Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A40 Rev. 2
SBR30A40CTFP DIODES-SBR30A40CTFP Datasheet
171Kb / 3P
   SUPER BARRIER RECTIFIER
DS30980 Rev. 4 - 2
More results

Similar Description - SBR30A40CTFP-JT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
SBR30A100CTB DIODES-SBR30A100CTB_15 Datasheet
92Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45 DIODES-SBR30A45_15 Datasheet
166Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060CTB DIODES-SBR3060CTB_15 Datasheet
225Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A120 DIODES-SBR30A120_15 Datasheet
191Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3045CTB DIODES-SBR3045CTB_15 Datasheet
95Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR3060 DIODES-SBR3060_15 Datasheet
136Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A60 DIODES-SBR30A60_15 Datasheet
195Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A45CTBQ DIODES-SBR30A45CTBQ_15 Datasheet
260Kb / 5P
   SUPER BARRIER RECTIFIER 30A SBR짰
SBR30A60CTB DIODES-SBR30A60CTB_15 Datasheet
91Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30M100 DIODES-SBR30M100_15 Datasheet
147Kb / 5P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com