Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72001L Datasheet(PDF) 9 Page - NEC

Part # UPD72001L
Description  MULTI-PROTOCOL SERIAL CONTROLLERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72001L Datasheet(HTML) 9 Page - NEC

Back Button UPD72001L Datasheet HTML 5Page - NEC UPD72001L Datasheet HTML 6Page - NEC UPD72001L Datasheet HTML 7Page - NEC UPD72001L Datasheet HTML 8Page - NEC UPD72001L Datasheet HTML 9Page - NEC UPD72001L Datasheet HTML 10Page - NEC UPD72001L Datasheet HTML 11Page - NEC UPD72001L Datasheet HTML 12Page - NEC UPD72001L Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
µPD72001-11, 72001-A8
9
Table 1-2 shows the selection operations by WR, RD, B/A, and C/D.
Table 1-2. MPSC Control Signals and Operations
WR
RD
B/A
C/D
Operation
L
H
L
L
Channel A
Writes transmit data to TX buffer
H
Channel B
H
L
L
L
Channel A
Reads receive data from RX buffer
H
Channel B
L
H
L
H
Channel A
Writes control register
H
Channel B
H
L
L
H
Channel A
Reads status register
H
Channel B
HH
××
High-impedance state or INTAK sequence
LL
××
Setting prohibited
× : Don’s Care
(9) D7 through D0 (Data Bus) ... I/O
These pins constitute a three-state 8-bit bidirectional data bus. This data bus is connected to the data bus of
the host processor to transfer control words, status, and transmit/receive data.
(10) INT (Interrupt) ... Output (open drain)
This pin outputs an interrupt request signal. If an interrupt occurs in the MPSC, it goes low (active). Because
this is an open-drain output pin, it must be pulled up.
(11) INTAK (Interrupt Acknowledge) ... Input
This pin inputs a signal to acknowledge interrupt request signals issued by the MPSC. This pin is active-low.
This pin is used when the vector mode (CR2A: D7 = “1”) is selected, and must be pulled up to “H” when the non-
vector mode (CR2A: D7 = “0”) is selected.
(12) PRI (Priority Input) ... Input
This input pin is used for an interrupt generation request signal and for an output control signal for interrupt vectors.
In the normal operation mode, this pin provides an interrupt generation control function. During the INTAK
sequence, it provides an output control function for interrupt vectors. How this pin is used differs depending on
the interrupt mode.
(a) In vector mode (CR2A: D7 = “1”)
In the normal operation mode, the PRI pin is used to control generation of interrupts. When interrupt vector
output mode of Type A-3 or Type B-2 (CR2A: D5, D4, D3 = “0, 1, 0” or “1, 0, 0”) is selected, interrupts can
be generated regardless of whether the PRI pin is “L” or “H”.
If any other interrupt vector output mode is selected, the PRI pin must be kept “L” to enable generation of
interrupts.
During the INTAK sequence, an interrupt vector is output if “L” is input to the PRI pin in any interrupt vector
output mode, and output of the interrupt vector is disabled if “H” is input to PRI.


Similar Part No. - UPD72001L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720100A NEC-UPD720100A Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100A RENESAS-UPD720100A Datasheet
446Kb / 34P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8ED NEC-UPD720100AGM-8ED Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720100AGM-8ED RENESAS-UPD720100AGM-8ED Datasheet
446Kb / 34P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD720100AGM-8EY NEC-UPD720100AGM-8EY Datasheet
304Kb / 32P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD72001L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505AN SIPEX-SP505AN Datasheet
614Kb / 30P
   Multi-Protocol Serial Transceivers
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
   MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
[Old version datasheet]   Multi-Protocol Transceiver IC
logo
Silicon Laboratories
MGM240S SILABS-MGM240S Datasheet
2Mb / 64P
   MGM240S Multi-Protocol Wireless
Rev. 1.0
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
   Multi-Protocol Multi-Channel Communications Controller
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
   Serial Communications Controller?봀AN Protocol
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
   Serial Communications Controller CAN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
   Serial Communications Controller - CAN Protocol
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
   Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
   Multi-protocol communications controller MPCC
1995 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com