Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4213 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4213
Description  Electronic Circuit Breaker
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213 Datasheet(HTML) 2 Page - Linear Technology

  LTC4213_15 Datasheet HTML 1Page - Linear Technology LTC4213_15 Datasheet HTML 2Page - Linear Technology LTC4213_15 Datasheet HTML 3Page - Linear Technology LTC4213_15 Datasheet HTML 4Page - Linear Technology LTC4213_15 Datasheet HTML 5Page - Linear Technology LTC4213_15 Datasheet HTML 6Page - Linear Technology LTC4213_15 Datasheet HTML 7Page - Linear Technology LTC4213_15 Datasheet HTML 8Page - Linear Technology LTC4213_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4213
2
4213f
Bias Supply Voltage (VCC) ........................... –0.3V to 9V
Input Voltages
ON, SENSEP, SENSEN .............................– 0.3V to 9V
ISEL .......................................... – 0.3V to (VCC + 0.3V)
Output Voltages
GATE .....................................................– 0.3V to 15V
READY .....................................................– 0.3V to 9V
Operating Temperature Range
LTC4213C ............................................... 0°C to 70°C
LTC4213I ............................................. –40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10sec)................... 300°C
ORDER PART
NUMBER
DDB PART*
MARKING
TJMAX = 125°C, θJA = 250°C/W
EXPOSED PAD (PIN 9)
PCB CONNECTION OPTIONAL
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
LBHV
LTC4213CDDB
LTC4213IDDB
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, ISEL = 0 unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Bias Supply Voltage
2.3
6
V
VSENSEP
SENSEP Voltage
06
V
ICC
VCC Supply Current
1.6
3
mA
VCC(UVLR)
VCC Undervoltage Lockout Release
VCC Rising
1.8
2.07
2.23
V
∆VCC(UVHYST)
VCC Undervoltage Lockout Hysteresis
30
100
160
mV
ISENSEP
SENSEP Input Current
VSENSEP = VSENSEN = 5V, Normal Mode
15
40
80
µA
VSENSEP = VSENSEN = 0, Normal Mode
–1
±15
µA
ISENSEN
SENSEN Input Current
VSENSEP = VSENSEN = 5V, Normal Mode
15
40
80
µA
VSENSEP = VSENSEN = 0, Normal Mode
–1
±15
µA
VSENSEP = VSENSEN = 5V,
50
280
µA
Reset Mode or Fault Mode
VCB
Circuit Breaker Trip Voltage
ISEL = 0, VSENSEP = VCC
22.5
25
27.5
mV
VCB = VSENSEP – VSENSEN
ISEL = Floated, VSENSEP = VCC
45
50
55
mV
ISEL = VCC, VSENSEP = VCC
90
100
110
mV
VCB(FAST)
Fast Circuit Breaker Trip Voltage
ISEL = 0, VSENSEP = VCC
63
100
115
mV
VCB(FAST) = VSENSEP – VSENSEN
ISEL = Floated, VSENSEP = VCC
126
175
200
mV
ISEL = VCC, VSENSEP = VCC
252
325
371
mV
IGATE(UP)
GATE Pin Pull Up Current
VGATE = 0V
–50
–100
–150
µA
IGATE(DN)
GATE Pin Pull Down Current
∆VSENSEP – VSENSEN = 200mV, VGATE = 8V
10
40
mA
∆VGSMAX
External N-Channel Gate Drive
VSENSEN = 0, VCC ≥ 2.97V, IGATE = –1µA
4.8
6.5
8
V
VSENSEN = 0, VCC = 2.3V, IGATE = –1µA
2.65
4.3
8
V
∆VGSARM
VGS Voltage to Arm Circuit Breaker
VSENSEN = 0, VCC ≥ 2.97V
4.4
5.4
7.6
V
VSENSEN = 0, VCC = 2.3V
2.5
3.5
7
V
TOP VIEW
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
READY
ON
ISEL
GND
VCC
SENSEP
SENSEN
GATE


Similar Part No. - LTC4213_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4213CDDB LINER-LTC4213CDDB Datasheet
184Kb / 20P
   No RSENSE??Electronic Circuit Breaker
logo
Analog Devices
LTC4213CDDB#TRPBF AD-LTC4213CDDB#TRPBF Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
LTC4213CTS8#TRMPBF AD-LTC4213CTS8#TRMPBF Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
LTC4213CTS8#TRPBF AD-LTC4213CTS8#TRPBF Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC4213IDDB LINER-LTC4213IDDB Datasheet
184Kb / 20P
   No RSENSE??Electronic Circuit Breaker
More results

Similar Description - LTC4213_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
   Electronic miniature circuit-breaker
09/2009
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
   Auto-Reset Electronic Circuit Breaker
LTC1153 LINER-LTC1153 Datasheet
342Kb / 16P
   Auto-Reset Electronic Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com