Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-4 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4210-4
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-4 Datasheet(HTML) 3 Page - Linear Technology

  LTC4210-4_15 Datasheet HTML 1Page - Linear Technology LTC4210-4_15 Datasheet HTML 2Page - Linear Technology LTC4210-4_15 Datasheet HTML 3Page - Linear Technology LTC4210-4_15 Datasheet HTML 4Page - Linear Technology LTC4210-4_15 Datasheet HTML 5Page - Linear Technology LTC4210-4_15 Datasheet HTML 6Page - Linear Technology LTC4210-4_15 Datasheet HTML 7Page - Linear Technology LTC4210-4_15 Datasheet HTML 8Page - Linear Technology LTC4210-4_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC4210-3/LTC4210-4
421034fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOFF(TMRHIGH) Turn-Off Time (TIMER Rise to GATE Fall)
VTIMER = 0V to 2V Step, VCC = VON = 5V
1
µs
tOFF(ONLOW)
Turn-Off Time (ON Fall to GATE Fall)
VON = 5V to 0V Step, VCC = 5V
30
µs
tOFF(VCCLOW)
Turn-Off Time (VCC Fall to IC Reset)
VCC = 5V to 2V Step, VON = 5V
30
µs
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 3: An internal Zener clamped the GATE pin to a typical voltage of
12V. External overdrive of the GATE pin beyond the internal Zener voltage
may damage the device. Without a limiting resistor, the GATE capacitance
must be <0.15
µF at maximum VCC.
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Undervoltage Lockout Threshold
vs Temperature
VGATE vs Supply Voltage
VGATE vs Temperature
IGATEUP vs Supply Voltage
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
TEMPERATURE (
°C)
–75
2.45
2.50
2.55
125
LTC4210 • G03
2.40
2.35
2.25
–25
25
75
–50
150
0
50
100
2.30
2.65
2.60
VCC RISING
VCC FALLING
SUPPLY VOLTAGE (V)
2.5
0.0
0.2
0.6
0.8
1.0
2.0
1.4
3.5
4.5 5.0
7.0
LTC4210 • G01
0.4
1.6
1.8
1.2
3.0
4.0
5.5 6.0 6.5
TA = 25°C
VS = 5V
TEMPERATURE (
°C)
–75
0.0
0.2
0.6
0.8
1.0
2.0
1.4
–25
25
50
150
LTC4210 • G02
0.4
1.6
1.8
1.2
–50
0
75 100 125
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
2.5
6
7
9
10
11
16
13
3.5
4.5 5.0
7.0
LTC4210 • G04
8
14
15
12
3.0
4.0
5.5 6.0 6.5
TEMPERATURE (
°C)
–75
6
7
9
10
11
16
13
–25
25
50
150
LTC4210 • G05
8
14
15
12
–50
0
75 100 125
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
2.5
–10.0
–9.5
–9.0
6.5
LTC4210 • G06
–10.5
–11
–12.0
3.5
4.5
5.5
3.0
7.0
4.0
5.0
6.0
–11.5
–8.0
–8.5
TA = 25
°C


Similar Part No. - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-4CS6 LINER-LTC4210-4CS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4IS6 LINER-LTC4210-4IS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com