Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-4 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4210-4
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-4 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4210-4_15 Datasheet HTML 7Page - Linear Technology LTC4210-4_15 Datasheet HTML 8Page - Linear Technology LTC4210-4_15 Datasheet HTML 9Page - Linear Technology LTC4210-4_15 Datasheet HTML 10Page - Linear Technology LTC4210-4_15 Datasheet HTML 11Page - Linear Technology LTC4210-4_15 Datasheet HTML 12Page - Linear Technology LTC4210-4_15 Datasheet HTML 13Page - Linear Technology LTC4210-4_15 Datasheet HTML 14Page - Linear Technology LTC4210-4_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC4210-3/LTC4210-4
421034fa
APPLICATIO S I FOR ATIO
GATE ramp up. If the RSENSE current is below the current
limit, the GATE ramps at a constant rate of:
=
V
T
I
C
GATE
GATE
GATE
(6)
where CGATE is the total capacitance at the GATE pin.
The current through RSENSE can be divided into two
components; ICLOAD due to the total load capacitance
(CLOAD) and ILOAD due to the noncapacitive load elements.
The capacitive load typically dominates.
For a successful start-up without current limit, IRSENSE <
ILIMIT:
IRSENSE = ICLOAD + ILOAD < ILIMIT
IC
V
T
II
RSENSE
LOAD
OUT
LOAD
LIMIT
=
⎝⎜
⎠⎟
+<
(7)
Due to the voltage follower configuration, the VOUT ramp
rate approximately tracks VGATE:
=
=
V
T
I
C
V
T
I
C
OUT
CLOAD
LOAD
GATE
GATE
GATE
(8)
At time point 6, VOUT is approximately VIN but GATE ramp-
up continues until it reaches a maximum voltage. This
maximum voltage is determined either by the charge
pump or the internal clamp.
Start-Up Cycle With Current Limit
If the duration of the current limit is brief during start-up
(Figure 4) and it did not last beyond the circuit breaker
function time out, the GATE behaves the same as in start-
up without current limit except for the time interval be-
tween time point 5A and time point 5B. The servo amplifier
limits IRSENSE by decreasing the IGATE current (<10µA).
II
mV
R
RSENSE
LIMIT
SENSE
==
50
Equations 7 and 8 are applicable but with a lower GATE and
VOUT ramp rate.
Gate Start-Up Time
The start-up time without current limit is given by:
tC
VV
I
tC
V
STARTUP
GATE
TH
IN
GATE
STARTUP
GATE
=
+
=
T
TH
GATE
GATE
IN
GATE
I
C
V
I
+
VTIMER
VGATE
VOUT
IRSENSE
VON
VIN
>2.5V
12
3 4 5
5A
5B 6
7
RESET
MODE
INITIAL
CYCLE
START-UP
CYCLE
NORMAL
CYCLE
5
µA
100
µA
COMP1
10
µA
10
µA
60
µA
100
µA
DISCHARGE
BY LOAD
REGULATED AT 50mV/RSENSE
VTH
COMP2
2
µA
<10
µA
4210 F04
>1.3V
Figure 4. Operating Sequence with
Current Limiting at Start-Up Cycle
(9)
(10)
During current limiting, the second term in Equation 10 is
partly modified from CGATE • VIN/IGATE to CLOAD
VIN/ICLOAD. The start-up time is now given by:
tC
V
I
C
V
I
C
STARTUP
GATE
TH
GATE
LOAD
IN
CLOAD
GA
=+
=
••
T
TE
TH
GATE
LOAD
IN
RSENSE
LOAD
V
I
C
V
II
••
+
(11)
For successful completion of current limit start-up cycle
there must be a net current to charge CLOAD and the
current limit duration must be less than tCBDELAY. The
second term in Equation 11 has to fulfill Equation 12.


Similar Part No. - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-4CS6 LINER-LTC4210-4CS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4IS6 LINER-LTC4210-4IS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com