Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-4 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4210-4
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-4 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4210-4_15 Datasheet HTML 6Page - Linear Technology LTC4210-4_15 Datasheet HTML 7Page - Linear Technology LTC4210-4_15 Datasheet HTML 8Page - Linear Technology LTC4210-4_15 Datasheet HTML 9Page - Linear Technology LTC4210-4_15 Datasheet HTML 10Page - Linear Technology LTC4210-4_15 Datasheet HTML 11Page - Linear Technology LTC4210-4_15 Datasheet HTML 12Page - Linear Technology LTC4210-4_15 Datasheet HTML 13Page - Linear Technology LTC4210-4_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC4210-3/LTC4210-4
421034fa
APPLICATIO S I FOR ATIO
power-up or during current limiting. The first type of oscil-
lation occurs at high frequencies, typically above 1MHz.
This high frequency oscillation is easily damped with RG as
mentioned in method 2.
The second type of oscillation occurs at frequencies
between 200kHz and 800kHz due to the load capacitance
being between 0.2
µF and 9µF, the presence of RG and RC
resistance, the absence of a drain bypass capacitor, a
combination of bus wiring inductance and bus supply output
impedance. There are several ways to prevent this second
type of oscillation. The simplest way is to avoid load
capacitance below 10
µF™, the second choice is connect-
ing an external CP > 1.5nF.
Whichever method of compensation is used, board level
short-circuit testing is highly recommended as board
layout can affect transient performance. Beside frequency
compensation, the total gate capacitance CGATE also
determines the GATE start-up as in Equation 6. The CGATE
should be kept below 0.15
µF at high supply operation as
the capacitive energy ( 0.5 • CGATE • VGATE2 ) is discharged
by the LTC4210 internal pull-down transistor. This pre-
vents the internal pull-down transistor from overheating
when the GATE turns off and/or is serving during current
limiting.
Timer Function
The TIMER pin handles several key functions with an
external capacitor, CTIMER. There are two comparator
thresholds: COMP1 (0.2V) and COMP2 (1.3V). The four
timing current sources are:
5
µA pull-up
60
µA pull-up
2
µA pull-down
100
µA pull-down
The 100
µAisanonidealcurrentsourceapproximatinga7k
resistor below 0.4V.
Initial Timing Cycle
When the card is being inserted into the bus connector, the
long pins mate first which brings up the supply VIN at time
point 1 of Figure 3. The LTC4210 is in reset mode as the ON
pin is low. GATE is pulled low and the TIMER pin is pulled
low with a 100
µA source. At time point 2, the short pin
makes contact and ON is pulled high. At this instant, a
start-up check requires that the supply voltage be above
UVLO, the ON pin be above 1.3V and the TIMER pin voltage
be less than 0.2V. When these three conditions are ful-
filled, the initial cycle begins and the TIMER pin is pulled
high with 5
µA. At time point 3, the TIMER reaches the
COMP2 threshold and the first portion of the initial cycle
ends. The 100
µA current source then pulls down the
TIMER pin until it reaches 0.2V at time point 4. The initial
cycle delay (time point 2 to time point 4) is related to
CTIMER by equation:
tINITIAL ≈ 272.9 • CTIMER ms/µF
(5)
When the initial cycle terminates, a start-up cycle is
activated and the GATE pin ramps high. The TIMER pin
continues to be pulled down towards ground.
Start-Up Cycle Without Current Limit
The GATE is released with a 10
µA pull-up at time point 4
of Figure 3. At time point 5, GATE reaches the external
MOSFET threshold VTH and VOUT starts to follow the
1
>2.5V
COMP2
100
µA
10
µA
VIN
VON
VGATE
RESET
MODE
VOUT
VTIMER
23 4 5
6
7
COMP1
4210 F03
5
µA
INITIAL
CYCLE
START-UP
CYCLE
NORMAL
CYCLE
DISCHARGE
BY LOAD
VTH
>1.3V
Figure 3. Normal Operating Sequence


Similar Part No. - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-4CS6 LINER-LTC4210-4CS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4IS6 LINER-LTC4210-4IS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com