Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-4 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4210-4
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-4 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4210-4_15 Datasheet HTML 5Page - Linear Technology LTC4210-4_15 Datasheet HTML 6Page - Linear Technology LTC4210-4_15 Datasheet HTML 7Page - Linear Technology LTC4210-4_15 Datasheet HTML 8Page - Linear Technology LTC4210-4_15 Datasheet HTML 9Page - Linear Technology LTC4210-4_15 Datasheet HTML 10Page - Linear Technology LTC4210-4_15 Datasheet HTML 11Page - Linear Technology LTC4210-4_15 Datasheet HTML 12Page - Linear Technology LTC4210-4_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC4210-3/LTC4210-4
421034fa
APPLICATIO S I FOR ATIO
Calculating Current Limit
For a selected RSENSE, the nominal load current is given by
Equation 1. The minimum load current is given by
Equation 2:
I
V
R
mV
R
LIMIT MIN
CB MIN
SENSE MAX
SENSE
()
()
()
(
==
44
M
MAX)
(2)
where
RR
R
SENSE MAX
SENSE
TOL
()
=+
⎝⎜
⎠⎟
1
100
The maximum load current is given by Equation 3:
I
V
R
mV
R
LIMIT MAX
CB MAX
SENSE MIN
SENSE
()
()
()
(
==
56
M
MIN)
(3)
where
RR
R
SENSE MIN
SENSE
TOL
()
•–
=
⎝⎜
⎠⎟
1
100
If a 7m
Ω sense resistor with ±1% tolerance is used for
current limiting, the nominal current limit is 7.14A.
From Equations 2 and 3, ILIMIT(MIN) = 6.22A and
ILIMIT(MAX) = 8.08A. For proper operation, the minimum
current limit must exceed the circuit maximum operat-
ing load current with margin. The sense resistor power
rating must exceed VCB(MAX)2/RSENSE(MIN).
Frequency Compensation
A compensation circuit should be connected to the GATE
pin for current limit loop stability.
Method 1
The simplest frequency compensation network consists
of RC and CC (Figure 2a). The total GATE capacitance is:
CGATE = CISS + CC
(4)
Generally, the compensation value in Figure 2a is suffi-
cient for a pair of input wires less than a foot in length.
Applications with longer input wires may require the RC or
CC value to be increased for better fault transient perfor-
mance. For a pair of three foot input wires, users can start
with CC = 47nF and RC = 100Ω. Despite the wire length, the
general rule for AC stability required is CC ≥ 8nF and RC
1k
Ω.
Method 2
The compensation network in Figure 2b is similar to the
circuitry used in method 1 but with an additional gate
resistor RG. The RG resistor helps to minimize high
frequency parasitic oscillations frequently associated with
the power MOSFET. In some applications, the user may
find that RG helps in short-circuit transient recovery as
well. However, too large of an RG value will slow down the
turn-off time. The recommended RG range is between 5Ω
and 500
Ω. RG limits the current flow into the GATE pin’s
internal zener clamp during transient events. The recom-
mended RC and CC values are the same as method 1. The
parasitic compensation capacitor CPisrequiredwhen0.2µF
< load capacitance CL < 9µF, otherwise it is optional.
Parasitic MOSFET Oscillation
There are two possible parasitic oscillations when the
MOSFET operates as a source follower when ramping at
Figure 2. Frequency Compensation
Q1
Si4410DY
VCC
SENSE
RSENSE
0.007
RG
200
CP**
2.2nF
VIN
12V
VOUT
65
4
RC
100
CC
10nF
4210 F02
GATE
LTC4210*
(2b)
Method 2
CL
+
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
**USE CP IF 0.2µF < CL < 9µF,
OTHERWISE NOT REQUIRED
VCC
SENSE
RSENSE
0.007
Q1
Si4410DY
VIN
5V
*ADDI
OMIT
**USE
OTHE
65
CL
4
RC
100
CC
10nF
GATE
LTC4210*
(2a)
Method 1
VOUT
+


Similar Part No. - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-4CS6 LINER-LTC4210-4CS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4IS6 LINER-LTC4210-4IS6 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-4_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-3 LINER-LTC4210-3 Datasheet
224Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com