Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81080V Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # 81080V
Description  3.3V In-System Programmable SuperBIG??High Density PLD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

81080V Datasheet(HTML) 1 Page - Lattice Semiconductor

  81080V Datasheet HTML 1Page - Lattice Semiconductor 81080V Datasheet HTML 2Page - Lattice Semiconductor 81080V Datasheet HTML 3Page - Lattice Semiconductor 81080V Datasheet HTML 4Page - Lattice Semiconductor 81080V Datasheet HTML 5Page - Lattice Semiconductor 81080V Datasheet HTML 6Page - Lattice Semiconductor 81080V Datasheet HTML 7Page - Lattice Semiconductor 81080V Datasheet HTML 8Page - Lattice Semiconductor 81080V Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ispLSI® 81080V
3.3V In-System Programmable
SuperBIG™ High Density PLD
81080v_03
1
Copyright © 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
Features
• SuperBIG HIGH DENSITY IN-SYSTEM
PROGRAMMABLE LOGIC
— 3.3V Power Supply
— 60,000 PLD Gates/1080 Macrocells
— 192-360 I/O Pins Supporting 3.3V/2.5V I/O
— 1440 Registers
— High-Speed Global and Big Fast Megablock (BFM)
Interconnect
— Wide 20-Macrocell Generic Logic Block (GLB) for
High Performance
— Wide Input Gating (44 Inputs per GLB) for Fast
Counters, State Machines, Address Decoders, Etc.
— PCB-Efficient Ball Grid Array (BGA) Package
Options
• HIGH-PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 125 MHz Maximum Operating Frequency
tpd = 8.5 ns Propagation Delay
— Electrically Erasable and Reprogrammable
— Non-Volatile
— Programmable Speed/Power Logic Path
Optimization
• IN-SYSTEM PROGRAMMABLE
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Debugging
• 100% IEEE 1149.1 BOUNDARY SCAN TESTABLE AND
3.3V IN-SYSTEM PROGRAMMABLE
• ARCHITECTURE FEATURES
— Enhanced Pin-Locking Architecture, Symmetrical
Generic Logic Blocks Connected by Hierarchical
Big Fast Megablock and Global Routing Planes
— Product Term Sharing Array Supports up to 28
Product Terms per Macrocell Output
— Macrocells Support Concurrent Combinatorial and
Registered Functions
— Embedded Tristate Bus Can Be Used as an Internal
Tristate Bus or as an Extension of an External
Tristate Bus
— Macrocell and I/O Registers Feature Multiple Control
Options, Including Set, Reset and Clock Enable
— I/O Pins Support Programmable Bus Hold, Pull-Up,
Open-Drain and Slew Rate Options
— Separate VCCIO Power Supply to Support 3.3V or
2.5V Input/Output Logic Levels
— I/O Cell Register Programmable as Input Register for
Fast Setup Time or Output Register for Fast Clock to
Output Time
• ispDesignEXPERT™ – LOGIC COMPILER AND COM-
PLETE ISP DEVICE DESIGN SYSTEMS FROM HDL
SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
— Superior Quality of Results
— Tightly Integrated with Leading CAE Vendor Tools
— Productivity Enhancing Timing Analyzer, Explore
Tools, Timing Simulator and ispANALYZER™
— PC and UNIX Platforms
Functional Block Diagram
ispLSI 8000V Family Description
The ispLSI 8000V Family of Register-Intensive, 3.3V
SuperBIG In-System Programmable Logic Devices is
based on Big Fast Megablocks of 120 registered macro-
cells and a Global Routing Plane (GRP) structure
Global Routing Plane
12
I/O
12
I/O
Big Fast Megablock 0
12
I/O
12
I/O
Big Fast Megablock 1
12
I/O
12
I/O
Big Fast Megablock 3
12
I/O
12
I/O
Big Fast Megablock 4
12
I/O
12
I/O
Big Fast Megablock 6
12
I/O
12
I/O
Big Fast Megablock 5
12
I/O
12
I/O
Big Fast Megablock 7
12
I/O
12
I/O
Big Fast Megablock 8
12
I/O
12
I/O
Big Fast Megablock 2
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
12
I/O
Boundary
Scan
81080v block
July 2000


Similar Part No. - 81080V

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
81080 BANNER-81080 Datasheet
246Kb / 1P
   Antenna Kit BWA-ANTKIT-006
More results

Similar Description - 81080V

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
8600V LATTICE-8600V Datasheet
333Kb / 26P
   3.3V In-System Programmable SuperBIG??High Density PLD
8840 LATTICE-8840 Datasheet
304Kb / 23P
   In-System Programmable SuperBIG??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
5384VA LATTICE-5384VA Datasheet
350Kb / 28P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI5384VE-125LB272 LATTICE-ISPLSI5384VE-125LB272 Datasheet
242Kb / 22P
   In-System Programmable 3.3V SuperWIDE??High Density PLD
ISPLSI5256VE LATTICE-ISPLSI5256VE Datasheet
246Kb / 24P
   In-System Programmable 3.3V SuperWIDE High Density PLD
ISPLSI5128VE LATTICE-ISPLSI5128VE Datasheet
211Kb / 21P
   In-System Programmable 3.3V SuperWIDE High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com