Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4075 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4075
Description  Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4075 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4075_15 Datasheet HTML 3Page - Linear Technology LTC4075_15 Datasheet HTML 4Page - Linear Technology LTC4075_15 Datasheet HTML 5Page - Linear Technology LTC4075_15 Datasheet HTML 6Page - Linear Technology LTC4075_15 Datasheet HTML 7Page - Linear Technology LTC4075_15 Datasheet HTML 8Page - Linear Technology LTC4075_15 Datasheet HTML 9Page - Linear Technology LTC4075_15 Datasheet HTML 10Page - Linear Technology LTC4075_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4075/LTC4075X
7
4075Xfa
USBIN (Pin 1): USB Input Supply Pin. Provides power to
the battery charger. The maximum supply current is 650mA.
This pin should be bypassed with a 1µF capacitor.
IUSB (Pin 2): Charge Current Program for USB Power.
The charge current is set by connecting a resistor, RIUSB,
to ground. When charging in constant-current mode, this
pin servos to 1V. The voltage on this pin can be used to
measure the battery current delivered from the USB input
using the following formula:
I
V
R
BAT
IUSB
IUSB
=
•1000
ITERM (Pin 3): Termination Current Threshold Program.
The termination current threshold, ITERMINATE, is set by
connecting a resistor, RITERM, to ground. ITERMINATE is set
by the following formula:
I
V
R
TERMINATE
ITERM
=
100
When the battery current, IBAT, falls below the termination
threshold, charging stops and the
⎯C⎯H⎯R⎯G output becomes
high impedance.
This pin is internally clamped to approximately 1.5V. Driving
this pin to voltages beyond the clamp voltage can draw
large currents and should be avoided.
⎯P⎯W⎯R (Pin 4): Open-Drain Power Supply Status Output.
When the DCIN or USBIN pin voltage is sufficient to begin
charging (i.e. when the supply is greater than the under-
voltage lockout threshold and at least 180mV above the
battery terminal), the
⎯P⎯W⎯R pin is pulled low by an internal
N-channel MOSFET. Otherwise
⎯P⎯W⎯R is high impedance.
This output is capable of sinking up to 10mA, making it
suitable for driving an LED.
⎯C⎯H⎯R⎯G (Pin 5): Open-Drain Charge Status Output. When
the LTC4075 is charging, the
⎯C⎯H⎯R⎯G pin is pulled low by
an internal N-channel MOSFET. When the charge cycle is
completed,
⎯C⎯H⎯R⎯G becomes high impedance. This output
is capable of sinking up to 10mA, making it suitable for
driving an LED.
ENABLE (Pin 6): Enable Input. When the LTC4075 is
charging from the DCIN source, a logic low on this pin
enables the charger. When the LTC4075 is charging from
the USBIN source, a logic high on this pin enables the
charger. If this input is left floating, an internal 2M
Ω
pulldown resistor defaults the LTC4075 to charge when
a wall adapter is applied and to shut down if only the USB
source is applied.
USBPWR (Pin 7): Open-Drain USB Power Status Output.
When the voltage on the USBIN pin is sufficient to begin
charging and there is insufficient power at DCIN, the USB-
PWR pin is high impedance. In all other cases, this pin is
pulled low by an internal N-channel MOSFET, provided that
there is power present at the DCIN, USBIN, or BAT inputs.
This output is capable of sinking up to 1mA, making it
suitable for driving high impedance logic inputs.
IDC (Pin 8): Charge Current Program for Wall Adapter
Power. The charge current is set by connecting a resis-
tor, RIDC, to ground. When charging in constant-current
mode, this pin servos to 1V. The voltage on this pin can
be used to measure the battery current delivered from the
DC input using the following formula:
I
V
R
BAT
IDC
IDC
=
•1000
BAT (Pin 9): Charger Output and Regulator Input. This pin
provides charge current to the battery and regulates the
final float voltage to 4.2V.
DCIN (Pin 10): Wall Adapter Input Supply Pin. Provides
power to the battery charger. The maximum supply
current is 950mA. This should be bypassed with a 1
μF
capacitor.
Exposed Pad (Pin 11): GND. The exposed backside of the
package is ground and must be soldered to PC board ground
for electrical connection and maximum heat transfer.
PI FU CTIO S


Similar Part No. - LTC4075_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4075EDD LINER-LTC4075EDD Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075HVX LINER-LTC4075HVX Datasheet
160Kb / 16P
   High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075HVXEDD LINER-LTC4075HVXEDD Datasheet
160Kb / 16P
   High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075HVX LINER-LTC4075HVX_15 Datasheet
181Kb / 16P
   High Voltage Dual Input Li-Ion/Polymer Battery Charger
LTC4075X LINER-LTC4075X Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
More results

Similar Description - LTC4075_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096_15 Datasheet
187Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
LTC4096 LINER-LTC4096 Datasheet
182Kb / 16P
   Dual Input Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076_15 Datasheet
422Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com