Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI3256A-90LQ Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI3256A-90LQ
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI3256A-90LQ Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI3256A-90LQ Datasheet HTML 1Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 2Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 3Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 4Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 5Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 6Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 7Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 8Page - Lattice Semiconductor ISPLSI3256A-90LQ Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Specifications ispLSI 3256A
5
Switching Test Conditions
Input Pulse Levels
Table 2-0003/3256A
Input Rise and Fall Time
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
≤ 3ns 10% to 90%
1.5V
1.5V
See Figure 2
3-state levels are measured 0.5V from
steady-state active level.
Output Load conditions (See Figure 2)
TEST CONDITION
R1
R2
CL
A
470
390
35pF
B
390
35pF
470
390
35pF
Active High
Active Low
C
470
390
5pF
390
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2 - 0004A
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A
Figure 2. Test Load
DC Electrical Characteristics
Over Recommended Operating Conditions
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. V
= 0.5V was selected to avoid test problems
by tester ground degradation. Characterized but not 100% tested.
2. Measured using 16 16-bit counters.
3. Typical values are at V = 5V and T = 25
°C.
4. Maximum I
varies widely with specific device configuration and operating frequency. Refer to the Power Consumption
section of this data sheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to
estimate maximum I
.
Table 2-0007/3256A
1
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2, 4
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
ispEN Input Low Leakage Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
I = 8 mA
I
= -4 mA
3.5V
≤ V ≤ V
0V
≤ V ≤ V (Max.)
0V
≤ V ≤ V
0V
≤ V ≤ V
V = 5V, V
= 0.5V
V = 0.0V, V = 3.0V
f
= 1 MHz
OL
OH
IN
IL
IN
CC
IN
IL
IN
IL
CC
OUT
CLOCK
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
2.4
200
200
0.4
10
-10
-150
-150
-200
V
V
µA
µA
µA
µA
mA
mA
mA
CC
A
OUT
CC
CC
Commercial
Industrial


Similar Part No. - ISPLSI3256A-90LQ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI3256-50LG LATTICE-ISPLSI3256-50LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-50LM LATTICE-ISPLSI3256-50LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LG LATTICE-ISPLSI3256-70LG Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256-70LM LATTICE-ISPLSI3256-70LM Datasheet
1Mb / 18P
   High Density Programmable Logic
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI3256A-90LQ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com