Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4068X-4.2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4068X-4.2
Description  Standalone Linear Li-Ion Battery Charger with Programmable Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4068X-4.2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4068X-4.2 Datasheet HTML 2Page - Linear Technology LTC4068X-4.2 Datasheet HTML 3Page - Linear Technology LTC4068X-4.2 Datasheet HTML 4Page - Linear Technology LTC4068X-4.2 Datasheet HTML 5Page - Linear Technology LTC4068X-4.2 Datasheet HTML 6Page - Linear Technology LTC4068X-4.2 Datasheet HTML 7Page - Linear Technology LTC4068X-4.2 Datasheet HTML 8Page - Linear Technology LTC4068X-4.2 Datasheet HTML 9Page - Linear Technology LTC4068X-4.2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC4068-4.2/LTC4068X-4.2
406842fa
When VCC is within 100mV of the BAT pin voltage, the
LTC4068 enters shutdown mode dropping the battery
drain current to less than 2µA.
ACPR (Pin 7): Power Supply Status Open-Drain Output.
When VCC is greater than the undervoltage lockout thresh-
old and at least 100mV above VBAT, the ACPR pin is pulled
to ground; otherwise, the pin is high impedance.
EN (Pin 8): Enable Input . A logic high on the EN pin will put
the LTC4068 into shutdown mode where the battery drain
current is reduced to less than 2µA and the supply current
is reduced to less than 50µA. A logic low or floating the EN
pin (allowing an internal 2MΩ pull-down resistor to pull
this pin low) enables charging.
PI FU CTIO S
PROG (Pin 5): Charge Current Program and Charge Cur-
rent Monitor. Charge current is programmed by connect-
ing a 1% resistor, RPROG, to ground. When charging in
constant-current mode, this pin servos to 1V. In all modes,
the voltage on this pin can be used to measure the charge
current using the following formula:
IBAT = (VPROG/RPROG) • 1000
This pin is clamped to approximately 2.4V. Driving this pin
to voltages beyond the clamp voltage can draw large
currents and should be avoided.
VCC (Pin 6): Positive Input Supply Voltage. Provides
power to the charger. VCC can range from 4.25V to 6.5V.
This pin should be bypassed with at least a 1µF capacitor.
BLOCK DIAGRA
+
+
2
6
+
120°C
TDIE
TA
MA
CA
C1
*
1000×
VA
R1
BAT
R2
R3
1V
0.1V
R4
R5
PROG
5µA
RPROG
REF
1.211V
VCC
CHRG
3
EN
8
GND
4, 9
406842 BD
+
C2*
2.9V
TO BAT
*TRICKLE
CHARGE
DISABLED
ON THE
LTC4068X
TERM
ACPR
CHARGE
SHDN
EN
LOGIC
ACPR
7
5
ITERM
RTERM
1


Similar Part No. - LTC4068X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068XEDD-4.2 LINER-LTC4068XEDD-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results

Similar Description - LTC4068X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com