Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4068X-4.2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4068X-4.2
Description  Standalone Linear Li-Ion Battery Charger with Programmable Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4068X-4.2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4068X-4.2 Datasheet HTML 4Page - Linear Technology LTC4068X-4.2 Datasheet HTML 5Page - Linear Technology LTC4068X-4.2 Datasheet HTML 6Page - Linear Technology LTC4068X-4.2 Datasheet HTML 7Page - Linear Technology LTC4068X-4.2 Datasheet HTML 8Page - Linear Technology LTC4068X-4.2 Datasheet HTML 9Page - Linear Technology LTC4068X-4.2 Datasheet HTML 10Page - Linear Technology LTC4068X-4.2 Datasheet HTML 11Page - Linear Technology LTC4068X-4.2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC4068-4.2/LTC4068X-4.2
406842fa
APPLICATIO S I FOR ATIO
Stability Considerations
The constant-voltage mode feedback loop is stable with-
out an output capacitor, provided a battery is connected to
the charger output. With no battery present, an output
capacitor on the BAT pin is recommended to reduce ripple
voltage. When using high value, low ESR ceramic capaci-
tors, it is recommended to add a 1Ω resistor in series with
the capacitor. No series resistor is needed if tantalum
capacitors are used.
In constant-current mode, the PROG pin is in the feedback
loop, not the battery. The constant-current mode stability
is affected by the impedance at the PROG pin. With no
additional capacitance on the PROG pin, the charger is
stable with program resistor values as high as 20k; how-
ever, additional capacitance on this node reduces the
maximum allowed program resistor. The pole frequency
at the PROG pin should be kept above 100kHz. Therefore,
if the PROG pin is loaded with a capacitance, CPROG, the
following equation can be used to calculate the maximum
resistance value for RPROG:
R
C
PROG
PROG
π
1
2105
••
Average, rather than instantaneous charge current may be
of interest to the user. For example, if a switching power
supply operating in low current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
LTC4068-4.2
GND
PROG
RPROG
10k
CFILTER
406842 F02
CHARGE
CURRENT
MONITOR
CIRCUITRY
Figure 2. Isolating Capacitive Load on PROG Pin and Filtering
Power Dissipation
It is not necessary to design for worst-case power dissi-
pation scenarios because the LTC4068 automatically
reduces the charge current during high power conditions.
The conditions that cause the LTC4068 to reduce charge
current through thermal feedback can be approximated
by considering the power dissipated in the IC. Nearly all
of this power dissipation is generated by the internal
MOSFET—this is calculated to be approximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which
the thermal feedback begins to protect the IC is:
TA = 120°C – PDθJA
TA = 120°C – (VCC – VBAT) • IBAT • θJA
Example: An LTC4068 operating from a 5V supply is
programmed to supply 800mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.3V. Assuming
θJA is 50°C/W (see Thermal Considerations), the ambient
temperature at which the LTC4068 will begin to reduce the
charge current is approximately:
TA = 120°C – (5V – 3.3V) • (800mA) • 50°C/W
TA = 120°C – 1.36W • 50°C/W = 120°C – 68°C
TA = 52°C
charged condition and eliminates the need for periodic
charge cycle initiations. The CHRG output enters a pull-
down state during recharge cycles.
If the battery is removed from the charger, a sawtooth
waveform of approximately 100mV appears at the charger
output. This is caused by the repeated cycling between
termination and recharge events. This cycling results in
pulsing at the CHRG output; an LED connected to this pin
will exhibit a blinking pattern, indicating to the user that a
battery is not present. The frequency of the sawtooth is
dependent on the amount of output capacitance.
filter can be used on the PROG pin to measure the average
battery current, as shown in Figure 2. A 10k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.


Similar Part No. - LTC4068X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068XEDD-4.2 LINER-LTC4068XEDD-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results

Similar Description - LTC4068X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068-4.2 LINER-LTC4068-4.2 Datasheet
143Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com