Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128VL-135LT176 Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI2128VL-135LT176
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VL-135LT176 Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI2128VL-135LT176 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VL-135LT176 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Specifications ispLSI 2128VL
5
External Timing Parameters
Over Recommended Operating Conditions
tpd1
UNITS
-135
MIN.
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of four, 20 PTXOR path, ORP and Y0 clock.
2. Standard 16-bit counter using GRP feedback.
3. Reference Switching Test Conditions section.
Table 2-0030/2128VL
1
3
2
1
tsu2 + tco1
(
)
-100
MIN.
MAX.
MAX.
DESCRIPTION
#
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
7.5
10.0
ns
tpd2
A
2
Data Propagation Delay
——
ns
fmax
A
3
Clock Frequency with Internal Feedback
135
100
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
——
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
——
MHz
tsu1
6
GLB Reg. Setup Time before Clock, 4 PT Bypass
——
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
——
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
0.0
ns
tsu2
9
GLB Reg. Setup Time before Clock
6.0
ns
tco2
A
10
GLB Reg. Clock to Output Delay
——
ns
th2
11
GLB Reg. Hold Time after Clock
0.0
ns
tr1
A
12
Ext. Reset Pin to Output Delay, ORP Bypass
——
ns
trw1
13
Ext. Reset Pulse Duration
5.5
ns
tptoeen
B
14
Input to Output Enable
——
ns
tptoedis
C
15
Input to Output Disable
——
ns
tgoeen
B
16
Global OE Output Enable
——
ns
tgoedis
C
17
Global OE Output Disable
——
ns
twh
18
External Synchronous Clock Pulse Duration, High
3.5
——
ns
twl
19
External Synchronous Clock Pulse Duration, Low
3.5
——
ns
95
143
5.0
4.5
5.5
8.0
12.0
12.0
7.0
7.0
10.0
77
100
6.5
0.0
8.0
0.0
6.5
5.0
5.0
13.0
5.0
6.0
13.5
15.0
15.0
9.0
9.0
-150
MIN. MAX.
6.0
150
0.0
5.0
0.0
5.0
3.0
3.0
111
166
4.0
4.0
5.0
6.0
10.0
10.0
6.0
6.0
8.5


Similar Part No. - ISPLSI2128VL-135LT176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LJ84 LATTICE-ISPLSI2128V-60LJ84 Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LJ84I LATTICE-ISPLSI2128V-60LJ84I Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LQ160 LATTICE-ISPLSI2128V-60LQ160 Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
ISPLSI2128V-60LQ160I LATTICE-ISPLSI2128V-60LQ160I Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
More results

Similar Description - ISPLSI2128VL-135LT176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com