Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4058X-4.2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4058X-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4058X-4.2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4058X-4.2 Datasheet HTML 4Page - Linear Technology LTC4058X-4.2 Datasheet HTML 5Page - Linear Technology LTC4058X-4.2 Datasheet HTML 6Page - Linear Technology LTC4058X-4.2 Datasheet HTML 7Page - Linear Technology LTC4058X-4.2 Datasheet HTML 8Page - Linear Technology LTC4058X-4.2 Datasheet HTML 9Page - Linear Technology LTC4058X-4.2 Datasheet HTML 10Page - Linear Technology LTC4058X-4.2 Datasheet HTML 11Page - Linear Technology LTC4058X-4.2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC4058-4.2/LTC4058X-4.2
sn405842 405842fs
OPERATIO
Power Supply Status Indicator (ACPR)
The power supply status output has two states: pull-down
and high impedance. The pull-down state indicates that
VCC is above the UVLO threshold (3.8V) and is also 100mV
above the battery voltage. When these conditions are not
met, the ACPR pin is high impedance indicating that the
LTC4058 is unable to charge the battery.
Thermal Limiting
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise above
a preset value of approximately 120
°C.Thisfeatureprotects
the LTC4058 from excessive temperature and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the LTC4058.
The charge current can be set according to typical (not worst
case) ambient temperature with the assurance that the
charger will automatically reduce the current in worst-case
conditions. DFN power considerations are discussed fur-
ther in the Applications Information section.
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCC
rises above the undervoltage lockout threshold. The UVLO
circuit has a built-in hysteresis of 200mV. Furthermore, to
protect against reverse current in the power MOSFET, the
UVLO circuit keeps the charger in shutdown mode if VCC
falls to within 30mV of the BSENSE voltage. If the UVLO
comparator is tripped, the charger will not come out of
shutdown mode until VCC rises 100mV above the BSENSE
voltage.
Manual Shutdown
At any point in the charge cycle, the LTC4058 can be put
into shutdown mode by driving the EN pin high. This
reduces the battery drain current to less than 2
µA and the
supply current to less than 50
µA. When in shutdown
mode, the CHRG pin is in the high impedance state. A new
charge cycle can be initiated by driving the EN pin low. A
resistor pull-down on this pin forces the LTC4058 to be
enabled if the pin is allowed to float.
Automatic Recharge
Once the charge cycle is terminated, the LTC4058 continu-
ously monitors the voltage on the BSENSE pin using a
comparator with a 2ms filter time (tRECHARGE). A charge
cycle restarts when the battery voltage falls below 4.10V
(which corresponds to approximately 80% to 90% battery
capacity). This ensures that the battery is kept at, or near,
a fully charged condition and eliminates the need for
periodic charge cycle initiations. The CHRG output enters
a pull-down state during recharge cycles.
Figure 1. State Diagram of a Typical Charge Cycle
TRICKLE CHARGE
MODE
1/10TH FULL CURRENT
BSENSE > 2.9V
BSENSE < 2.9V
BSENSE > 2.9V
CHRG: STRONG
PULL-DOWN
CHARGE MODE
FULL CURRENT
CHRG: STRONG
PULL-DOWN
SHUTDOWN MODE
CHRG: Hi-Z
EN DRIVEN LOW
OR
UVLO CONDITION
STOPS
EN DRIVEN HIGH
OR
UVLO CONDITION
ICC DROPS TO <25µA
POWER ON
PROG < 100mV
STANDBY MODE
NO CHARGE CURRENT
CHRG: Hi-Z
2.9V < BSENSE < 4.1V
405842 F01


Similar Part No. - LTC4058X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058XEDD-4.2 LINER-LTC4058XEDD-4.2 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
More results

Similar Description - LTC4058X-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com