Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4058-4.2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4058-4.2
Description  Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4058-4.2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4058-4.2 Datasheet HTML 4Page - Linear Technology LTC4058-4.2 Datasheet HTML 5Page - Linear Technology LTC4058-4.2 Datasheet HTML 6Page - Linear Technology LTC4058-4.2 Datasheet HTML 7Page - Linear Technology LTC4058-4.2 Datasheet HTML 8Page - Linear Technology LTC4058-4.2 Datasheet HTML 9Page - Linear Technology LTC4058-4.2 Datasheet HTML 10Page - Linear Technology LTC4058-4.2 Datasheet HTML 11Page - Linear Technology LTC4058-4.2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC4058-4.2/LTC4058X-4.2
sn405842 405842fs
APPLICATIO S I FOR ATIO
Kelvin Sensing the Battery (BSENSE Pin)
The internal P-channel MOSFET drain is connected to the
BAT pin, while the BSENSE pin connects through an inter-
nal precision resistor divider to the input of the constant-
voltage amplifier. This architecture allows the BSENSE pin
to Kelvin sense the positive battery terminal. This is espe-
cially useful when the copper trace from the BAT pin to the
Li-Ion battery is long and has a high resistance. High
charge currents can cause a significant voltage drop be-
tween the positive battery terminal and the BAT pin. In this
situation, a separate trace from the BSENSE pin to the
battery terminals will eliminate this voltage error and re-
sult in more accurate battery voltage sensing. The BSENSE
pin MUST be electrically connected to the BAT pin.
Stability Considerations
The constant-voltage mode feedback loop is stable with-
out an output capacitor, provided a battery is connected to
the charger output. With no battery present, an output
capacitor on the BAT pin is recommended to reduce ripple
voltage. When using high value, low ESR ceramic capaci-
tors, it is recommended to add a 1
Ω resistor in series with
the capacitor. No series resistor is needed if tantalum
capacitors are used.
In constant-current mode, the PROG pin is in the feedback
loop, not the battery. The constant-current mode stability
is affected by the impedance at the PROG pin. With no
additional capacitance on the PROG pin, the charger is
stable with program resistor values as high as 20k; how-
ever, additional capacitance on this node reduces the
maximum allowed program resistor. The pole frequency
at the PROG pin should be kept above 100kHz. Therefore,
if the PROG pin is loaded with a capacitance, CPROG, the
following equation can be used to calculate the maximum
resistance value for RPROG:
R
C
PROG
PROG
π
1
2105
••
Average, rather than instantaneous charge current may be
of interest to the user. For example, if a switching power
supply operating in low current mode is connected in
parallel with the battery, the average current being pulled
out of the BAT pin is typically of more interest than the
instantaneous current pulses. In such a case, a simple RC
filter can be used on the PROG pin to measure the average
battery current, as shown in Figure 2. A 10k resistor has
been added between the PROG pin and the filter capacitor
to ensure stability.
LTC4058-4.2
GND
PROG
RPROG
10k
CFILTER
405842 F02
CHARGE
CURRENT
MONITOR
CIRCUITRY
Figure 2. Isolating Capacitive Load on PROG Pin and Filtering
Power Dissipation
It is not necessary to design for worst-case power dissi-
pation scenarios because the LTC4058 automatically re-
duces the charge current during high power conditions.
The conditions that cause the LTC4058 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of
this power dissipation is generated by the internal
MOSFET—this is calculated to be approximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which
the thermal feedback begins to protect the IC is:
TA = 120°C – PDθJA
TA = 120°C – (VCC – VBAT) • IBAT • θJA
Example: An LTC4058 operating from a 5V supply is
programmed to supply 800mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.3V. Assuming
θJA is 50°C/W (see Thermal Considerations), the ambient
temperature at which the LTC4058 will begin to reduce the
charge current is approximately:
TA = 120°C – (5V – 3.3V) • (800mA) • 50°C/W
TA = 120°C – 1.36W • 50°C/W = 120°C – 68°C
TA = 52°C


Similar Part No. - LTC4058-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4058 LINER-LTC4058 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4058EDD-4.2 LINER-LTC4058EDD-4.2 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
More results

Similar Description - LTC4058-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
   Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com