Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10100CTB Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR10100CTB
Description  10A SBR짰 SUPER BARRIER RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10100CTB Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR10100CTB_15 Datasheet HTML 1Page - Diodes Incorporated SBR10100CTB_15 Datasheet HTML 2Page - Diodes Incorporated SBR10100CTB_15 Datasheet HTML 3Page - Diodes Incorporated SBR10100CTB_15 Datasheet HTML 4Page - Diodes Incorporated SBR10100CTB_15 Datasheet HTML 5Page - Diodes Incorporated SBR10100CTB_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SBR10100CTB
Document number: DS31515 Rev. 6 - 2
3 of 6
www.diodes.com
May 2015
© Diodes Incorporated
SBR10100CTB
SBR is a registered trademark of Diodes Incorporated.
0
300
600
900
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 1 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
0
5
0
25
50
75
100
125
150
10
T , AMBIENT TEMPERATURE ( C)
Fig. 3 Forward Current Derating Curve
A
°
R
= R
Per Element

JA
JC
R
= R
Total Device

JA
JC
R
= 30°C/W
Per Element
JA
Note 4


Similar Part No. - SBR10100CTB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10100CTB-13 DIODES-SBR10100CTB-13 Datasheet
86Kb / 4P
   SUPER BARRIER RECTIFIER
SBR10100CTB-13-G DIODES-SBR10100CTB-13-G Datasheet
86Kb / 4P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10100CTB_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR1040CTB DIODES-SBR1040CTB Datasheet
86Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1040 DIODES-SBR1040_15 Datasheet
168Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10120CTL DIODES-SBR10120CTL_15 Datasheet
80Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200 DIODES-SBR10200_15 Datasheet
186Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10200CTL DIODES-SBR10200CTL_15 Datasheet
93Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45SD1 DIODES-SBR10U45SD1_15 Datasheet
76Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10U45D1Q DIODES-SBR10U45D1Q_15 Datasheet
170Kb / 5P
   SUPER BARRIER RECTIFIER 10A SBR짰
SBR10150 DIODES-SBR10150_15 Datasheet
171Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10150CTL DIODES-SBR10150CTL_15 Datasheet
96Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com