Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3873-5
Description  Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3873-5 Datasheet HTML 2Page - Linear Technology LTC3873-5 Datasheet HTML 3Page - Linear Technology LTC3873-5 Datasheet HTML 4Page - Linear Technology LTC3873-5 Datasheet HTML 5Page - Linear Technology LTC3873-5 Datasheet HTML 6Page - Linear Technology LTC3873-5 Datasheet HTML 7Page - Linear Technology LTC3873-5 Datasheet HTML 8Page - Linear Technology LTC3873-5 Datasheet HTML 9Page - Linear Technology LTC3873-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3873-5
6
38735fb
FUNCTIONAL DIAGRAM
RUN/SS
VCC
SW
GND
ITH
VFB
NGATE
38735 FD
IPRG
SLOPE
COMPENSATION
200kHz
OSCILLATOR AND
MAX DUTY CYCLE
CURRENT
COMPARATOR
S
R
Q
VIN
VOLTAGE
REFERENCE
UNDERVOLTAGE
LOCKOUT
+
ITH
BUFFER
SWITCHING
LOGIC CIRCUIT
CURRENT LIMIT
CLAMP
INTERNAL
SOFT-START
RAMP
–+
ILIM
RS
LATCH
1.2V
1.2V
VCC
SHUNT
REGULATOR
UV
SHUTDOWN
COMPARATOR
SHDN
ERROR
AMPLIFIER
3μA


Similar Part No. - LTC3873-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com