Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3873
Description  Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3873 Datasheet HTML 3Page - Linear Technology LTC3873 Datasheet HTML 4Page - Linear Technology LTC3873 Datasheet HTML 5Page - Linear Technology LTC3873 Datasheet HTML 6Page - Linear Technology LTC3873 Datasheet HTML 7Page - Linear Technology LTC3873 Datasheet HTML 8Page - Linear Technology LTC3873 Datasheet HTML 9Page - Linear Technology LTC3873 Datasheet HTML 10Page - Linear Technology LTC3873 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3873
7
3873fa
OPERATION
Main Control Loop
The LTC3873 is a general purpose N-channel switching
DC/DC converter for boost, flyback and SEPIC applications.
Its No RSENSE sensing technique improves efficiency,
increases power density and reduces the cost of the
overall solution.
For circuit operation, please refer to the Functional Diagram
of the IC and the Typical Application on the front page.
During normal operation, the power MOSFET is turned
on when the oscillator sets the PWM latch and is turned
off when the current comparator resets the latch. The
divided-down output voltage is compared to an internal
1.2V reference by the error amplifier, which outputs an
error signal at the ITH pin. The voltage on the ITH pin
sets the current comparator input threshold. When the
load current increases, a fall in the VFB voltage relative to
the reference voltage causes the ITH pin to rise, causing
the current comparator to trip at a higher peak inductor
current value. The average inductor current will therefore
rise until it equals the load current, thereby maintaining
output regulation.
The LTC3873 can be used either by sensing the voltage
drop across the power MOSFET or by connecting the SW
pin to a conventional sensing resistor in the source of the
power MOSFET. Sensing the voltage across the power
MOSFET maximizes converter efficiency and minimizes the
component count; the maximum rating for this pin, 60V,
allows MOSFET sensing in a wide output voltage range.
Shunt Regulator
A built-in shunt regulator from the VCC pin to GND limits
the voltage on the VCC pin to approximately 9.3V as long as
the shunt regulator is not forced to sink more than 25mA.
The shunt regulator permits the use of a wide variety of
powering schemes that exceed the LTC3873’s absolute
maximum ratings. Further details on powering schemes
are described in the Application Information section.
Start-Up/Shutdown
The LTC3873 has two shutdown mechanisms to disable
and enable operation: an undervoltage lockout on the
VCC supply pin voltage and a threshold RUN/SS pin. The
LTC3873 transitions into and out of shutdown according
to the state diagram shown in Figure 3.
The undervoltage lockout (UVLO) mechanism prevents the
LTC3873 from trying to drive a MOSFET with insufficient
voltage. The voltage at the VCC pin must exceed VTURNON
Figure 1. SW Pin (Internal Sense Pin)
Connection for Maximum Efficiency
Figure 2. SW Pin (Internal Sense Pin)
Connection for Sensing Resistor
Figure 3. Start-Up/Shutdown State Diagram
COUT
VSW
VOUT
VIN
GND
L
D
+
NGATE
GND
VCC
SW
3873 F01
LTC3873
COUT
VSW
RSENSE
VOUT
VIN
GND
L
D
+
NGATE
GND
VCC
SW
3873 F02
LTC3873
LTC3873
SHUT DOWN
VRUN/SS < VSHDN
(NOMINALLY 0.8V)
3873 F03
VIN < VTURNOFF
(NOMINALLY 4V)
VRUN/SS > VSHDN
AND VIN > VTURNON
(NOMINALLY 8.4V)
LTC3873
ENABLED


Similar Part No. - LTC3873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB LINER-LTC3873EDDB Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com