Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3873 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3873
Description  Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873 Datasheet(HTML) 2 Page - Linear Technology

  LTC3873_15 Datasheet HTML 1Page - Linear Technology LTC3873_15 Datasheet HTML 2Page - Linear Technology LTC3873_15 Datasheet HTML 3Page - Linear Technology LTC3873_15 Datasheet HTML 4Page - Linear Technology LTC3873_15 Datasheet HTML 5Page - Linear Technology LTC3873_15 Datasheet HTML 6Page - Linear Technology LTC3873_15 Datasheet HTML 7Page - Linear Technology LTC3873_15 Datasheet HTML 8Page - Linear Technology LTC3873_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3873
2
3873fa
ABSOLUTE MAXIMUM RATINGS
VCC to GND
Low Impedance Source ........................... –0.3V to 9V
Current Fed ..........................................25mA Into VCC
RUN/SS........................................................ –0.3V to 9V
IPRG Voltage................................. –0.3V to (VCC + 0.3V)
VFB, ITH Voltages....................................... –0.3V to 2.4V
(Note 1)
SW Voltage ................................................ –0.3V to 60V
Operating Temperature Range (Note 2).... –40°C to 85°C
Junction Temperature (Note 3) ............................. 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
TS8 Package ..................................................... 300°C
IPRG 1
ITH 2
VFB 3
GND 4
8 SW
7 RUN/SS
6 VCC
5 NGATE
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 230°C/W
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
GND
VFB
ITH
IPRG
NGATE
VCC
RUN/SS
SW
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3873ETS8#PBF
LTC3873ETS8\#TRPBF
LTCSN
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC3873EDDB#PBF
LTC3873EDDB#TRPBF
LCSK
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3873ETS8
LTC3873ETS8#TR
LTCSN
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC3873EDDB
LTC3873EDDB#TR
LCSK
8-Lead (3mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3873_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB LINER-LTC3873EDDB Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB-5 LINER-LTC3873EDDB-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com