Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032VL Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI2032VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VL Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI2032VL Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Specifications ispLSI 2032VL
10
Pin Configuration
ispLSI 2032VL 44-Pin PLCC Pinout Diagram
Pin Configuration
ispLSI 2032VL 44-Pin TQFP Pinout Diagram
I/O 18
I/O 17
I/O 16
TMS/NC1
RESET/Y1
VCC
TCK/Y2
I/O 15
I/O 14
I/O 13
I/O 12
I/O 28
I/O 29
I/O 30
I/O 31
Y0
VCC
BSCAN
TDI/IN 0
I/O 0
I/O 1
I/O 2
7
8
9
10
12
11
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
6
18
5
19
4
20
3
21
2
22
1
23
44
24
43
25
42
26
41
27
40
28
1. NC pins are not to be connected to any active signals, VCC or GND.
ispLSI 2032VL
Top View
0123/2032VL
I/O 18
I/O 17
I/O 16
TMS/NC1
RESET/Y1
VCC
TCK/Y2
I/O 15
I/O 14
I/O 13
I/O 12
I/O 28
I/O 29
I/O 30
I/O 31
Y0
VCC
BSCAN
TDI/IN 0
I/O 0
I/O 1
I/O 2
ispLSI 2032VL
Top View
1
2
3
4
6
5
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
44
12
43
13
42
14
41
15
40
16
39
17
38
18
37
19
36
20
35
21
34
22
0851/2032VL
1. NC pins are not to be connected to any active signals, VCC or GND.


Similar Part No. - ISPLSI2032VL

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VL-135LT44I LATTICE-ISPLSI2032VL-135LT44I Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2032VL

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com