Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032VL Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPLSI2032VL
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VL Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPLSI2032VL Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VL Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Specifications ispLSI 2032VL
4
Switching Test Conditions
Input Pulse Levels
Table 2-0003/2032VL
Input Rise and Fall Time
10% to 90%
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to VCC
VCC /2
VCC /2
See Figure 2
3-state levels are measured 0.15V from
steady-state active level.
≤ 1.5 ns
Output Load Conditions (see Figure 2)
Figure 2. Test Load
VCC
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213A/2032VL
TEST CONDITION
R1
R2
CL
A
250
218
35pF
B
218
35pF
250
35pF
Active High
Active Low
C
250
5pF
218
5pF
Active Low to Z
at V +0.15V
OL
Active High to Z
at V
-0.15V
OH
Table 2-0004A/2032VL
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. VOUT = 0.5V was selected to avoid test
problems by tester ground degradation. Characterized but not 100% tested.
2. Measured using two 16-bit counters.
3. Typical values are at VCC = 2.5V and TA = 25°C.
4. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to Power Consumption
section of this data sheet and Thermal Management section of the Lattice Semiconductor Data Book or CD-ROM to
estimate maximum ICC.
5. With no pull-up resistors.
Table 2-0007/2032VL
1
5
VOH
IIH
IIL
IIL-isp
PARAMETER
IIL-PU
IOS
2, 4
ICC
Output Low Voltage
Output High Voltage
Input or I/O High Leakage Current
Input or I/O Low Leakage Current
BSCAN Input Pull-Up Current
I/O Active Pull-Up Current
Output Short Circuit Current
Operating Power Supply Current
IOL = 100µA
0V
≤ V ≤ V (Max.)
0V
≤ V ≤ V
0V
≤ V ≤ V
V = 2.5V, V
= 0.5V
V = 0.0V, V = 2.5V
f
= 1 MHz
IN
IL
IN
IL
IN
IL
CC
OUT
CLK
IL
IH
CONDITION
MIN.
TYP.
MAX.
UNITS
3
2.0
45
0.2
10
-10
-150
-150
-100
V
V
µA
µA
µA
µA
mA
mA
VIH (min) ≤ VIN ≤ 3.6V
IOL = 8mA
IOH = -1mA
VCC - 0.2
——
V
IOH = -100µA
1.8
——
V
IOH = -4mA
——
0.4
V
DC Electrical Characteristics
Over Recommended Operating Conditions


Similar Part No. - ISPLSI2032VL

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VL-135LT44I LATTICE-ISPLSI2032VL-135LT44I Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2032VL

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com