Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2192VE-135-L-T128 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # ISPLSI2192VE-135-L-T128
Description  3.3V In-System Programmable SuperFAST??High Density PLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2192VE-135-L-T128 Datasheet(HTML) 1 Page - Lattice Semiconductor

  ISPLSI2192VE-135-L-T128 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2192VE-135-L-T128 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ispLSI
®
2192VE
3.3V In-System Programmable
SuperFAST™ High Density PLD
2192ve_06
1
Features
• SuperFAST HIGH DENSITY IN-SYSTEM
PROGRAMMABLE LOGIC
— 8000 PLD Gates
— 96 I/O Pins, Nine or Twelve Dedicated Inputs
— 192 Registers
— High Speed Global Interconnect
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
— Pinout Compatible with ispLSI 2096V and 2096VE
• 3.3V LOW VOLTAGE ARCHITECTURE
— Interfaces with Standard 5V TTL Devices
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 225MHz* Maximum Operating Frequency
tpd = 4.0ns* Propagation Delay
— Electrically Erasable and Reprogrammable
— Non-Volatile
— 100% Tested at Time of Manufacture
— Unused Product Term Shutdown Saves Power
• IN-SYSTEM PROGRAMMABLE
— 3.3V In-System Programmability (ISP™) Using
Boundary Scan Test Access Port (TAP)
— Open-Drain Output Option for Flexible Bus Interface
Capability, Allowing Easy Implementation of Wired-
OR Bus Arbitration Logic
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• 100% IEEE 1149.1 BOUNDARY SCAN TESTABLE
• THE EASE OF USE AND FAST SYSTEM SPEED OF
PLDs WITH THE DENSITY AND FLEXIBILITY OF FPGAS
— Enhanced Pin Locking Capability
— Three Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COM-
PLETE ISP DEVICE DESIGN SYSTEMS FROM HDL
SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
— Superior Quality of Results
— Tightly Integrated with Leading CAE Vendor Tools
— Productivity Enhancing Timing Analyzer, Explore
Tools, Timing Simulator and ispANALYZER™
— PC and UNIX Platforms
*Preliminary
Functional Block Diagram
Description
The ispLSI 2192VE is a High Density Programmable
Logic Device containing 192 Registers, nine or twelve
Dedicated Input pins, three Dedicated Clock Input pins,
two dedicated Global OE input pins and a Global Routing
Pool (GRP). The GRP provides complete interconnectivity
between all of these elements.
The ispLSI 2192VE
features in-system programmability through the Bound-
ary Scan Test Access Port (TAP) and is 100% IEEE
1149.1 Boundary Scan Testable. The ispLSI 2192VE
offers non-volatile reprogrammability of the logic, as well
as the interconnect to provide truly reconfigurable sys-
tems.
The basic unit of logic on the ispLSI 2192VE device is the
Generic Logic Block (GLB). The GLBs are labeled A0, A1
.. F7 (see Figure 1). There are a total of 48 GLBs in the
ispLSI 2192VE device. Each GLB is made up of four
macrocells. Each GLB has 18 inputs, a programmable
AND/OR/Exclusive OR array, and four outputs which can
be configured to be either combinatorial or registered.
Inputs to the GLB come from the GRP and dedicated
inputs. All of the GLB outputs are brought back into the
GRP so that they can be connected to the inputs of any
GLB on the device.
Copyright © 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
August 2000
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com
Output Routing Pool
Output Routing Pool
F7 F6 F5 F4 F3 F2 F1 F0
B0 B1 B2 B3 B4 B5 B6 B7
A0
A1
A2
A3
A4
A5
A6
A7
Output Routing Pool
Output Routing Pool
E7 E6 E5 E4 E3 E2 E1 E0
C0 C1 C2 C3 C4 C5 C6 C7
D7
D6
D5
D4
D3
D2
D1
D0
Logic
Array
DQ
DQ
DQ
DQ
Global Routing Pool (GRP)
GLB
0139/2192VE


Similar Part No. - ISPLSI2192VE-135-L-T128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2192VE LATTICE-ISPLSI2192VE Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE100LB144 LATTICE-ISPLSI2192VE100LB144 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE100LB144I LATTICE-ISPLSI2192VE100LB144I Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE100LT128 LATTICE-ISPLSI2192VE100LT128 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2192VE100LT128I LATTICE-ISPLSI2192VE100LT128I Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2192VE-135-L-T128

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com