Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2128VE-250LT176 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPLSI2128VE-250LT176
Description  3.3V In-System Programmable SuperFAST??High Density PLD
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2128VE-250LT176 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPLSI2128VE-250LT176 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2128VE-250LT176 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Specifications ispLSI 2128VE
7
Internal Timing Parameters1
Over Recommended Operating Conditions
tio
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Table 2-0036A/2128VE
v.1.0
Inputs
UNITS
DESCRIPTION
#
2
PARAMETER
20 Input Buffer Delay
ns
tdin
21 Dedicated Input Delay
ns
tgrp
22 GRP Delay
ns
GLB
t1ptxor
25 1 Product Term/XOR Path Delay
ns
t20ptxor
26 20 Product Term/XOR Path Delay
ns
txoradj
27 XOR Adjacent Path Delay
ns
tgbp
28 GLB Register Bypass Delay
ns
tgsu
29 GLB Register Setup Time before Clock
ns
tgh
30 GLB Register Hold Time after Clock
ns
tgco
31 GLB Register Clock to Output Delay
ns
3
tgro
32 GLB Register Reset to Output Delay
ns
tptre
33 GLB Product Term Reset to Register Delay
ns
tptoe
34 GLB Product Term Output Enable to I/O Cell Delay
ns
tptck
35 GLB Product Term Clock Delay
ns
ORP
tob
38 Output Buffer Delay
ns
tsl
39 Output Slew Limited Delay Adder
ns
GRP
t4ptbpc
23 4 Product Term Bypass Path Delay (Combinatorial)
ns
t4ptbpr
24 4 Product Term Bypass Path Delay (Registered)
ns
torp
36 ORP Delay
ns
torpbp
37 ORP Bypass Delay
ns
Outputs
toen
40 I/O Cell OE to Output Enabled
ns
todis
41 I/O Cell OE to Output Disabled
ns
tgoe
42 Global Output Enable
ns
tgy0
43 Clock Delay, Y0 to Global GLB Clock Line (Ref. clock)
ns
tgy1/2
44 Clock Delay, Y1 or Y2 to Global GLB Clock Line
ns
Clocks
tgr
45 Global Reset to GLB
-180
MIN. MAX.
0.5
1.1
0.6
3.4
3.4
3.4
0.0
0.3
0.6
4.3
5.9
4.0
1.6
2.0
1.9
2.4
1.4
0.4
3.0
3.0
2.0
1.2
1.4
4.4
1.2
2.3
1.0
1.2
1.4
-250
MIN. MAX.
0.5
0.7
0.2
2.8
2.8
2.8
0.0
0.2
0.3
3.7
2.9
3.6
1.4
2.0
1.5
2.0
1.1
0.4
2.4
2.4
1.6
1.0
1.2
3.9
0.8
1.7
0.8
1.0
1.2
ns
Global Reset


Similar Part No. - ISPLSI2128VE-250LT176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2128VE-250LT176 LATTICE-ISPLSI2128VE-250LT176 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2128VE-250LT176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
2064VE LATTICE-2064VE Datasheet
200Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
2192VE LATTICE-2192VE Datasheet
144Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE LATTICE-ISPLSI2128VE_04 Datasheet
200Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2128VE-100LTN100 LATTICE-ISPLSI2128VE-100LTN100 Datasheet
206Kb / 20P
   3.3V In-System Programmable SuperFAST??High Density PLD
ISPLSI2032VE LATTICE-ISPLSI2032VE_06 Datasheet
260Kb / 15P
   3.3V In-System Programmable High Density SuperFAST??PLD
ISPLSI2192VE LATTICE-ISPLSI2192VE_04 Datasheet
161Kb / 15P
   3.3V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com