Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2032VL-135LT44I Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPLSI2032VL-135LT44I
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2032VL-135LT44I Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPLSI2032VL-135LT44I Datasheet HTML 1Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 2Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 3Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2032VL-135LT44I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Specifications ispLSI 2032VL
3
Absolute Maximum Ratings 1
Supply Voltage Vcc ................................ -0.5 to +4.05V
Input Voltage Applied ............................. -0.5 to +4.05V
Off-State Output Voltage Applied .......... -0.5 to +4.05V
Storage Temperature .............................. -65 to +150
°C
Case Temp. with Power Applied .............. -55 to 125
°C
Max. Junction Temp. (TJ) with Power Applied ... 150°C
1. Stresses above those listed under the “Absolute Maximum Ratings” may cause permanent damage to the device. Functional
operation of the device at these or at any other conditions above those indicated in the operational sections of this specification
is not implied (while programming, follow the programming specifications).
C
SYMBOL
Table 2-0006/2032VL
C
PARAMETER
I/O Capacitance
6
UNITS
TYPICAL
TEST CONDITIONS
1
2
8
Dedicated Input Capacitance
pf
pf
V = 2.5V, V
= 0.0V
V = 2.5V, V = 0.0V
CC
CC
I/O
IN
C
Clock Capacitance
10
3
pf
V = 2.5V, V = 0.0V
CC
Y
TA = 0°C to + 70°C
TA = -40°C to + 85°C
SYMBOL
Table 2-0005/2032VL
VCC
VIH
VIL
PARAMETER
Supply Voltage
Input High Voltage
Input Low Voltage
MIN.
MAX.
UNITS
2.3
2.3
1.7
-0.3
2.7
2.7
3.6
0.7
V
V
V
V
Commercial
Industrial
Erase Reprogram Specifications
Table 2-0008A/2032VL
PARAMETER
MINIMUM
MAXIMUM
UNITS
Erase/Reprogram Cycles
10,000
Cycles
Capacitance (T
A=25°C, f=1.0 MHz)
DC Recommended Operating Condition


Similar Part No. - ISPLSI2032VL-135LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2032VL-135LT44I LATTICE-ISPLSI2032VL-135LT44I Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
More results

Similar Description - ISPLSI2032VL-135LT44I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com