Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI2064VL-100LT100 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPLSI2064VL-100LT100
Description  2.5V In-System Programmable SuperFAST??High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI2064VL-100LT100 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPLSI2064VL-100LT100 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI2064VL-100LT100 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Specifications ispLSI 2064VL
Power Consumption
Power consumption in the ispLSI 2064VL device de-
pends on two primary factors: the speed at which the
device is operating and the number of Product Terms
used. Figure 3 shows the relationship between power
and operating speed.
Figure 3. Typical Device Power Consumption vs fmax
0127/2064VL
ICC can be estimated for the ispLSI 2064VL using the following equation:
ICC(mA) = 8 + (# of PTs * 0.42) + (# of Nets * Max. Freq. * 0.0025)
Where:
# of PTs = Number of Product Terms used in design
# of nets = Number of Signals used in device
Max freq = Highest Clock Frequency to the device (in MHz)
The ICC estimate is based on typical conditions (VCC = 2.5V, room temperature) and an assumption of two GLB
loads on average exists. These values are for estimates only. Since the value of ICC is sensitive to operating
conditions and the program in the device, the actual ICC should be verified.
Notes: Configuration of four 16-bit counters
Typical current at 2.5V, 25
° C
60
030
60
90
120
150
180
fmax (MHz)
80
100
20
0
40
ispLSI 2064VL


Similar Part No. - ISPLSI2064VL-100LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ44 LATTICE-ISPLSI2064V-100LJ44 Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ44I LATTICE-ISPLSI2064V-100LJ44I Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ84 LATTICE-ISPLSI2064V-100LJ84 Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2064V-100LJ84I LATTICE-ISPLSI2064V-100LJ84I Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
More results

Similar Description - ISPLSI2064VL-100LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064E LATTICE-2064E Datasheet
144Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2128E LATTICE-2128E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
ISPLSI2032E LATTICE-ISPLSI2032E Datasheet
141Kb / 14P
   In-System Programmable SuperFAST High Density PLD
2096E LATTICE-2096E Datasheet
142Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2096E LATTICE-2096E_1 Datasheet
124Kb / 11P
   In-System Programmable SuperFAST??High Density PLD
2032VE LATTICE-2032VE Datasheet
179Kb / 14P
   3.3V In-System Programmable High Density SuperFAST??PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com